Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRC-VIPER Datasheet(PDF) 1 Page - Ultralife Corporation.

Part # MRC-VIPER
Description  AN/PRC-154 Radio Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

MRC-VIPER Datasheet(HTML) 1 Page - Ultralife Corporation.

  MRC-VIPER Datasheet HTML 1Page - Ultralife Corporation. MRC-VIPER Datasheet HTML 2Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MRC-VIPER
AN/PRC-154 Radio Adapter
Features
► Extends range of AN/PRC-154
► 20 watts of RF amplification
► Integrated Ethernet and USB
► Continuously charges radio’s battery
► Small form-factor
Overview
The VIPER (Vehicle Installed Power Enhanced
Rifleman) represents the latest evolution in vehicular
communications for the AN/PRC-154 Rifleman
Radio*. The VIPER fully supports SRW (Soldier Radio
Waveform) and provides 20 watts of RF amplification.
The VIPER extends the operational range of the
AN/PRC-154 radio, and assures tactical network
connectivity by improving the radio’s network link margin.
VIPER’s small form-factor (3.5”H x 5”W x 11”L) make
it an easy choice for vehicle integration where space is
limited. Once installed, the AN/PRC-154 radio can be
mounted in and removed from VIPER with one hand.
VIPER meets a host of MIL-STD-810 environmental,
and MIL-STD-461 EMI standards to ensure survivability
in the harshest operating environments.
*AN/PRC-154 Rifleman radio sold separately
Pictured with AN/PRC-154 Rifleman radio. Radio sold separately.
©2014 Ultralife Corporation • www.ultralifecorp.com • all specifications subject to change without notice
The information contained herein is for reference only and does not constitute a warranty of performance ULCS-9000-0025_B 5/28/14
www.ultralifecorporation.com/commsys
800-332-5000 | orders@ulbi.com
Follow Us Online:


Similar Part No. - MRC-VIPER

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MRC-01 KEMET-MRC-01 Datasheet
243Kb / 6P
ZCT, Zero-Phase Current Transformers
MRC-01B KEMET-MRC-01B Datasheet
72Kb / 1P
KEMET, MR, Current, Round - Toroidal, Zero Phase, High Sensitivity, Compact
7/05/2020
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
Four Position External Battery Power Supply
Rev:B
MRC-135A ULTRALIFE-MRC-135A Datasheet
160Kb / 1P
Performs well in hot, cloudy and other diverse environments
24 MAR 11 Rev: -
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
More results

Similar Description - MRC-VIPER

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M68739R MITSUBISHI-M68739R Datasheet
83Kb / 2P
154-162MHz,9.6V, 7W, FM PORTABLE RADIO
RA35H1516M MITSUBISHI-RA35H1516M Datasheet
75Kb / 8P
154-162MHz 40W 12.5V MOBILE RADIO
logo
Harris Corporation
RF-7800M-AD250 HARRIS-RF-7800M-AD250 Datasheet
996Kb / 2P
AN/PRC-117G DUAL CHANNEL ADAPTER PLATE FOR AN/VRC-103 50-WATT MULTIBAND VEHICULAR AMPLIFIER ADAPTER
logo
Ultralife Corporation.
MRC-42 ULTRALIFE-MRC-42 Datasheet
734Kb / 2P
Charger/Power System for the AN/PRC-148 (MBITR)
7 March 2016 Rev A
MRC-170 ULTRALIFE-MRC-170 Datasheet
350Kb / 1P
The MRC-170 is a single battery charger adapter for the AN/PRC-152A handheld radio.
Rev: B
MRC-RMT0003 ULTRALIFE-MRC-RMT0003 Datasheet
915Kb / 2P
Mount for AN/PRC-117G
8/6/14
MRC-UPU0003 ULTRALIFE-MRC-UPU0003 Datasheet
1Mb / 2P
Power Supply for AN/PRC-117G
5/28/14
MRC-UPU0006 ULTRALIFE-MRC-UPU0006 Datasheet
913Kb / 2P
AN/PRC-117G Power Supply
5/28/14
UCA0125 ULTRALIFE-UCA0125 Datasheet
527Kb / 1P
PRC-148 and PRC-152 Adapter
Rev B
UCA0126 ULTRALIFE-UCA0126 Datasheet
541Kb / 1P
PRC-148 and PRC-152 Adapter
Rev A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com