Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOL1418 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOL1418
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOL1418 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOL1418 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOL1418 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOL1418 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOL1418 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOL1418 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
19.5
25
48
60
RθJC
1
1.5
15
TA=70°C
12
A
Repetitive avalanche energy L=0.3mH
C
135
mJ
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Gate-Source Voltage
Drain-Source Voltage
Maximum Junction-to-Case
C
Steady-State
Continuous Drain
Current
G
TA=25°C
IDSM
TA=25°C
PDSM
°C/W
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Pulsed Drain Current
Power Dissipation
B
TC=25°C
A
ID
Maximum Junction-to-Ambient
A
Steady-State
85
70
200
Avalanche Current
C
30
Power Dissipation
A
2.5
W
Continuous Drain
Current
B
Maximum
Units
Parameter
TC=25°C
G
TC=100°C
30
TA=70°C
1.6
W
Junction and Storage Temperature Range
PD
°C
100
50
-55 to 175
TC=100°C
AOL1418
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 30V
ID = 85A (VGS = 10V)
RDS(ON) < 6.5mΩ (VGS = 10V)
RDS(ON) < 10.5mΩ (VGS = 4.5V)
General Description
The AOL1418 uses advanced trench technology to
provide excellent RDS(ON), low gate chargeand low
gate resistance. This device is ideally suited for use
as a high side switch in CPU core power conversion.
Standard Product AOL1418 is Pb-free (meets ROHS
& Sony 259 specifications). AOL1418L is a Green
Product ordering option. AOL1418 and AOL1418L
are electrically identical.
G
D
S
Ultra
SO-8
TM Top View
Bottom tab
connected to
drain
Fits SOIC8
footprint !
S
G
D
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOL1418

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOL1412 AOSMD-AOL1412 Datasheet
166Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
AOL1413 AOSMD-AOL1413 Datasheet
230Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
AOL1414 AOSMD-AOL1414 Datasheet
122Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
AOL1414 AOSMD-AOL1414 Datasheet
176Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
AOL1414L AOSMD-AOL1414L Datasheet
122Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOL1418

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com