Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOL1418 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOL1418
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOL1418 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOL1418 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOL1418 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOL1418 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOL1418 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOL1418 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AOL1418
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
20
40
60
80
100
0.00001
0.0001
0.001
0.01
Time in avalanche, tA (s)
Figure 12: Single Pulse Avalanche capability
0
30
60
90
120
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 13: Power De-rating (Note B)
TA=25°C
0
20
40
60
80
100
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 14: Current De-rating (Note B)
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Single Pulse Power Rating Junction-to-
Ambient (Note H)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 16: Normalized Maximum Transient Thermal Impedance (Note H)
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=60 °C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com