Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15334 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15334
Description  SparkFun Qwiic 12 Bit ADC ??4 Channel (ADS1015)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15334 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15334 Datasheet HTML 1Page - SparkFun Electronics DEV-15334 Datasheet HTML 2Page - SparkFun Electronics DEV-15334 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
SparkFun Qwiic 12 Bit ADC ‐ 4 Channel (ADS1015) 
DEV-15334
A lot of the time you just need to add more analog inputs to solve a problem. It happens. The
SparkFun Qwiic 12 Bit ADC can provide four channels of I2C controlled ADC input to your Qwiic
enabled project. These channels can be used as single-ended inputs, or in pairs for differential
inputs. What makes this even more powerful is that it has a programmable gain amplifier that lets
you "zoom in" on a very small change in analog voltage (but will still effect your input range and
resolution). Utilizing our handy Qwiic system, no soldering is required to connect it to the rest of your
system. However, we still have broken out 0.1"-spaced pins in case you prefer to use a breadboard.
The ADS1015 uses its own internal voltage reference for measurements, but a ground and 3.3V
reference are also available on the pin outs for users. This ADC board includes screw pin terminals
on the four channels of input, allowing for solderless connection to voltage sources in your setup. It
also has an address jumper that lets you choose one of four unique addresses (0x48, 0x49, 0x4A,
0x4B). With this, you can connect up to four of these on the same I2C bus and have sixteen channels
of ADC. The maximum resolution of the converter is 12-bits in differential mode and 11-bits for
single-ended inputs. Step sizes range from 125μV per count to 3mV per count depending on the full-
scale range (FSR) setting.
We have included an onboard 10K trimpot connected to channel A3. This is handy for initial setup
testing and can be used as a simple variable input to your project. But don't worry, we added an
isolation jumper so you can use channel A3 however you'd like.
The SparkFun Qwiic connect system is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.


Similar Part No. - DEV-15334

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15351 SPARKFUN-DEV-15351 Datasheet
144Kb / 2P
SparkFun Qwiic pHAT for Raspberry Pi
6??0??9
More results

Similar Description - DEV-15334

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7582 MAXIM-MX7582 Datasheet
447Kb / 12P
Calibrated 4-Channel 12-Bit ADC
19-2763; Rev 1; 6/96
logo
SparkFun Electronics
BOB-15931 SPARKFUN-BOB-15931 Datasheet
253Kb / 2P
SparkFun Qwiic Button Breakout
1??9??0
DEV-14495 SPARKFUN-DEV-14495 Datasheet
149Kb / 1P
SparkFun Qwiic Adapter
12-4-17
DEV-15123 SPARKFUN-DEV-15123 Datasheet
181Kb / 3P
SparkFun RedBoard Qwiic
1??1??9
DEV-15164 SPARKFUN-DEV-15164 Datasheet
206Kb / 2P
SparkFun Qwiic OpenLog
2??1??9
DEV-15165 SPARKFUN-DEV-15165 Datasheet
2Mb / 3P
SparkFun Qwiic MP3 Trigger
2????9
KIT-15349 SPARKFUN-KIT-15349 Datasheet
208Kb / 2P
SparkFun Qwiic Pro Kit
11??2??9
KIT-16262 SPARKFUN-KIT-16262 Datasheet
205Kb / 2P
SparkFun Qwiic Ideation Kit
4??3??0
ROB-15451 SPARKFUN-ROB-15451 Datasheet
206Kb / 3P
SparkFun Qwiic Motor Driver
9??4??9
SEN-15242 SPARKFUN-SEN-15242 Datasheet
156Kb / 2P
SparkFun Qwiic Scale - NAU7802
4??7??9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com