Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-15334 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-15334
Description  SparkFun Qwiic 12 Bit ADC ??4 Channel (ADS1015)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15334 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-15334 Datasheet HTML 1Page - SparkFun Electronics DEV-15334 Datasheet HTML 2Page - SparkFun Electronics DEV-15334 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
ADS1015
o
Operating Voltage (V
DD
): 2.0V-5.5V
(Note: When powering with a Qwiic cable, the input range is only 3.3v)
o
Operating Temperature: -40°C to 125°C
o
Operation Modes: Single-Shot, Continuous-Conversion (Default), and Duty Cycling
o
Analog Inputs:
Measurement Type: Single-Ended (Default)
Input Voltage Range: GND to V
DD
Full Scale Range (FSR): ±.256V to ±6.114V (Default: 2.048V)
o
Resolution:
12-bit (Differential) or 11-bit (Single-Ended)
LSB size: 0.125mV - 3mV (Default: 1 mV)
o
Sample Rate: 128 Hz to 3.3 kHz (Default: 1600SPS)
o
Current Consumption (Typical): 150μA-200μA
o
I2C Address: 0x48 (Default), 0x49, 0x4A, or 0x4B
Screw pin terminals for solderless connection to voltage sources
Four unique I2C addresses:
o
0x48
o
0x49
o
0x4A
o
0x4B
2x Qwiic connection ports
Onboard 10K trimpot
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com