Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-16156 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-16156
Description  SparkFun Sensor Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-16156 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-16156 Datasheet HTML 1Page - SparkFun Electronics DEV-16156 Datasheet HTML 2Page - SparkFun Electronics DEV-16156 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
SparkFun Sensor Kit
DEV-16156
Do you have a good understanding of various sensors or need a variety of them for a project? The
SparkFun Sensor Kit includes a sensor for just about every job. With everything included in this kit,
you'll be able to sense gesture, humidity, temperature, motion, touch, sound, altitude, acceleration
and more! These are some of our favorite sensors from each category. But wait, there's more! The
SparkFun Sensor Kit now includes several of our sensor boards that feature the Qwiic Connect
System for rapid prototyping!
This version of the kit has received a complete overhaul! Check out the Includes section above for a
complete list of what is included in this kit to find out what has changed.
This huge assortment of sensors makes an amazing gift for that very special electronics enthusiast
in your life!
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.


Similar Part No. - DEV-16156

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-16129 SPARKFUN-DEV-16129 Datasheet
177Kb / 2P
SparkFun controller:bit - micro:bit Carrier Board
4????0
More results

Similar Description - DEV-16156

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-09346 SPARKFUN-DEV-09346 Datasheet
379Kb / 2P
SparkFun MegaShield Kit
DEV-13754 SPARKFUN-DEV-13754 Datasheet
117Kb / 2P
SparkFun Sensor Kit
5/10/2016
KIT-15702 SPARKFUN-KIT-15702 Datasheet
593Kb / 3P
SparkFun Fuse Breakout Kit
10????9
KIT-15817 SPARKFUN-KIT-15817 Datasheet
182Kb / 2P
SparkFun Paper Circuits Kit
2??0??0
KIT-16262 SPARKFUN-KIT-16262 Datasheet
205Kb / 2P
SparkFun Qwiic Ideation Kit
4??3??0
KIT-18448 SPARKFUN-KIT-18448 Datasheet
142Kb / 2P
SparkFun Proximity Sensing Kit
9??0??1
TOL-11784A SPARKFUN-TOL-11784A Datasheet
3Mb / 1P
SparkFun Third Hand Kit
05 Sept 2013
TOL-11805 SPARKFUN-TOL-11805 Datasheet
113Kb / 2P
SparkFun Deluxe Tool Kit
7????9
TOL-14683 SPARKFUN-TOL-14683 Datasheet
84Kb / 2P
SparkFun Tool Bag Kit
9??7??8
TOL-11784 SPARKFUN-TOL-11784 Datasheet
3Mb / 1P
SparkFun Third Hand Kit
05 Sept 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com