Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-16156 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-16156
Description  SparkFun Sensor Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-16156 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-16156 Datasheet HTML 1Page - SparkFun Electronics DEV-16156 Datasheet HTML 2Page - SparkFun Electronics DEV-16156 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCLUDES
Large Piezo Vibration Sensor - With Mass - A flexible film able to sense for vibration, touch,
shock, etc. When the film moves back and forth an AC wave is created, with a voltage of up
to ±90.
Reed Switch - Senses magnetic fields, makes for a great non-contact switch.
0.25" Magnet Square - Plays nicely with the reed switch. Embed the magnet into stuffed
animals or inside a box to create a hidden actuator to the reed switch.
0.5" Force Sensitive Resistor - A force-sensing resistor with a 0.5" diameter sensing area.
Great for sensing pressure (i.e., if it's being squeezed).
PIR Motion Sensor - Easy-to-use motion detector with an analog interface. Power it with 5-
12VDC, and you'll be alerted of any movement.
Mini Photocell - The photocell will vary its resistance based on how much light it's exposed
to. Will vary from 1kΩ in the light to 10kΩ in the dark.
QRD1114 Optical Detector/Phototransistor - An all-in-one infrared emitter and detector. Ideal
for sensing black-to-white transitions or can be used to detect nearby objects.
SparkFun Environmental Combo Breakout - CCS811/BME280 (Qwiic) - Provides barometric
pressure, humidity, temperature, TVOCs and equivalent CO2 (or eCO2) levels with I2C
output.
Flex Sensor - As the sensor is flexed, the resistance across the sensor increases. Useful for
sensing motion or positioning
SoftPot - These are very thin variable potentiometers. By pressing on various positions along
the strip, you vary the resistance.
SparkFun 9DoF IMU Breakout - ICM-20948 (Qwiic) - This chip provides a 3-axis
accelerometer, 3-axis gyroscope, and 3-axis magnetometer. Connect this board over I2C,
Qwiic, or SPI and get started using one of the three sensors or using all three together to
determine 3D orientation.
RGB and Gesture Sensor - APDS-9960 - This board does a little bit of everything. You can
measure ambient light or color as well as detect proximity and do gesture sensing all over
I2C.
Soil Moisture Sensor (with screw terminals) - Ever wonder if your plant needs water? This
sensor outputs an analog signal based on the resistance of the soil. Since water is
conductive, the soil water content will be reflected in the soil resistance.
SparkFun Capacitive Touch Slider - CAP1203 (Qwiic) - This little board acts great as a non-
mechanical button. Use the three pads on the board or connect your own input for a great
touch button or slider with no moving parts.
Sound Detector - Ever need to know if there is noise in an area? This board will not only tell
you, but it will also output amplitude as well as the full audio signal.
IR Receiver Diode - This simple IR receiver will detect an IR signal coming from a standard
IR remote control or the IR diode included in the kit.
IR Diode - This LED can handle up to 50mA of current and outputs in the 940-950nm IR
spectrum. Use to send signal to talk to the included IR receiver diode or just turn off your
neighbor's TV.
Resistor 10K Ohm 1/4 Watt PTH - 20 pack (Thick Leads) - 1/6th Watt, +/- 5% tolerance PTH
resistors. Commonly used in breadboards and perf boards, these 10KΩ resistors make
excellent pullups, pulldowns and current limiters.
Resistor 1.0M Ohm 1/4 Watt PTH - Two 1/4th Watt, +/- 5% tolerance PTH resistors.
Commonly used in breadboards and perf boards



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com