Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-16267 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-16267
Description  GreatFET One
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-16267 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-16267 Datasheet HTML 1Page - SparkFun Electronics DEV-16267 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
GreatFET One
DEV-16267
The GreatFET One from Great Scott Gadgets is a hacker's best friend! With two USB ports, one
host and one peripheral, it can act as a "man in the middle" for USB interfacing. The GreatFET One
connects to a host computer and extends the reach of said computer to the outside world. Whether
you need an interface to an external chip, a logic analyzer, a debugger, or just a whole lot of pins to
bit-bang, the versatile GreatFET One is the tool for you. Hi-Speed USB and a Python API allow
GreatFET One to become your custom USB interface to the physical world. With an extensible, open
source design, two USB ports and 100 expansion pins, GreatFET One is your essential gadget for
hacking, making and reverse engineering.
At the center is a powerful NXP LPC4330 (Cortex M4 @ 204MHz). The ARM Cortex-M4 is a 32-bit
core that offers system enhancements such as low power consumption, enhanced debug features,
and a high level of support block integration. The ARM Cortex-M4 CPU incorporates a 3-stage
pipeline, uses a Harvard architecture with separate local instruction and data buses as well as a third
bus for peripherals, and includes an internal prefetch unit that supports speculative branching. The
ARM Cortex-M4 supports single-cycle digital signal processing and SIMD instructions. A hardware
floating-point processor is integrated in the core.
The I/O pins are rated for 3.3V and with an 80-pin expansion interface (two female headers with two
rows of 20 pins) and a bonus row of 20 male pins, attaching add-on boards is a breeze.
GreatFET One ships in an ESD bag with a high-speed USB cable and a wiggler for easy separation
of add-on boards. Enclosures and add-on boards are sold separately.


Similar Part No. - DEV-16267

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-16129 SPARKFUN-DEV-16129 Datasheet
177Kb / 2P
SparkFun controller:bit - micro:bit Carrier Board
4????0
DEV-16156 SPARKFUN-DEV-16156 Datasheet
173Kb / 3P
SparkFun Sensor Kit
1??6??0
DEV-16524 SPARKFUN-DEV-16524 Datasheet
214Kb / 2P
Alchitry Br Prototype Element Board
9????0
DEV-16525 SPARKFUN-DEV-16525 Datasheet
202Kb / 2P
Alchitry Io Element Board
9????0
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
More results

Similar Description - DEV-16267

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7213 INTERSIL-ICM7213 Datasheet
47Kb / 6P
One Second/One Minute Timebase Generator
August 1997
ICM7213 INTERSIL-ICM7213_01 Datasheet
140Kb / 6P
One Second/One Minute Timebase Generator
December 2001
logo
SHANGHAI BELLING CO., L...
BL3085E BELLING-BL3085E Datasheet
669Kb / 9P
communication that contain one driver and one receiver
logo
Assmann Electronics Inc...
AK579F-2-R ASSMANN-AK579F-2-R Datasheet
95Kb / 1P
Twisted Pair and One by One
logo
CUI INC
SJ2-3512D-SMT-TR CUI-SJ2-3512D-SMT-TR Datasheet
429Kb / 4P
two switches; one isolated, one non-isolated
logo
DATEL, Inc.
AA12D5-1 DATEL-AA12D5-1 Datasheet
155Kb / 1P
One by One, 10-Watt, 짹5 Volts Output
AA12D12-0.41 DATEL-AA12D12-0.41 Datasheet
144Kb / 1P
One by One, 10-Watt, 짹12 Volts Output
AA12S12-0.83 DATEL-AA12S12-0.83 Datasheet
136Kb / 1P
One by One, 10-Watt, 12 Volts Output
AA45D15-1 DATEL-AA45D15-1 Datasheet
131Kb / 1P
One by One, 30-Watt, 짹15Volts Output
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
One by one human detection sensor
22-Mar-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com