Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-16267 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-16267
Description  GreatFET One
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-16267 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-16267 Datasheet HTML 1Page - SparkFun Electronics DEV-16267 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCLUDES
1x GreatFET One Board
1x USB to microB cable
1x Wiggler
FEATURES
LPC4330 microcontroller
2MB flash memory
Expansion interface of 80 pins (2 female headers with 2 rows of 20 pins)
Bonuse row of 20 male pins
Programmable digital I/O
Unpopulated Cortex Debug Header for JTAG or SWD
Serial protocols including SPI, I2C, UART, and JTAG
Logic analysis
Analog I/O (ADC/DAC)
Data acquisition
Debugging
Versatile USB functions including FaceDancer
High-throughput hardware-assisted streaming serial engine
Four fabulous LEDs!
https://www.sparkfun.com/products/16267 /1‐29‐20 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com