Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-16526 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-16526
Description  Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-16526 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-16526 Datasheet HTML 1Page - SparkFun Electronics DEV-16526 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
DEV-16526
If you are not needing a lot of power to start your FPGA adventure, or are looking for a more
economical option, the Alchitry Cu FPGA Development Board might be the perfect option for you!
The Alchitry Cu is a "lighter" FPGA version than the Alchitry Au but still offers something completely
unique. FPGAs, or Field-Programmable Gate Arrays, are an advanced development board type for
engineers and hobbyists alike to experience the next step in programming with electronics. The Cu
truly exemplifies the trend of more affordable and increasingly powerful FPGA boards arriving each
year. This board is a fantastic starting point into the world of FPGAs and the heart of your next
project. Finally, now that this board is built by SparkFun, we added a Qwiic connector for easy I2C
integration!
The Alchitry Cu uses the Lattice iCE40 HX FPGA with 7680 logic cells and is supported by the open
source tool chain Project IceStorm. The Cu possesses 79 IO pins with eight general purpose LEDs;
a 100MHz on-board clock that can be manipulated internally by the FPGA; a USB-C connector to
configure and power the board; and a USB to serial interface for data transfer.
By adding stackable expansion boards similar to shields or HATs called "Elements," the Alchitry Cu
is able to expand its own hardware capabilities by adding prototyping spaces, buttons, LEDs, and
more!
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.


Similar Part No. - DEV-16526

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-16524 SPARKFUN-DEV-16524 Datasheet
214Kb / 2P
Alchitry Br Prototype Element Board
9????0
DEV-16525 SPARKFUN-DEV-16525 Datasheet
202Kb / 2P
Alchitry Io Element Board
9????0
DEV-16527 SPARKFUN-DEV-16527 Datasheet
210Kb / 2P
Alchitry Au FPGA Development Board (Xilinx Artix 7)
9????0
More results

Similar Description - DEV-16526

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
TN1112 LATTICE-TN1112 Datasheet
471Kb / 6P
Input Hysteresis in Lattice CPLD and FPGA Devices
HX640 LATTICE-HX640 Datasheet
861Kb / 12P
iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40 LATTICE-ICE40 Datasheet
1Mb / 52P
iCE40 LP/HX Family
logo
Intel Corporation
DE2I-150 INTEL-DE2I-150 Datasheet
919Kb / 22P
DE2i-150 FPGA Development Kit
logo
SparkFun Electronics
DEV-11953 SPARKFUN-DEV-11953 Datasheet
109Kb / 2P
Mojo v3 FPGA Development Board
11/10/2015
DEV-16524 SPARKFUN-DEV-16524 Datasheet
214Kb / 2P
Alchitry Br Prototype Element Board
9????0
DEV-16525 SPARKFUN-DEV-16525 Datasheet
202Kb / 2P
Alchitry Io Element Board
9????0
DEV-16527 SPARKFUN-DEV-16527 Datasheet
210Kb / 2P
Alchitry Au FPGA Development Board (Xilinx Artix 7)
9????0
KIT-16497 SPARKFUN-KIT-16497 Datasheet
142Kb / 2P
Alchitry Au FPGA Kit
8??1??0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com