Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-16526 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-16526
Description  Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-16526 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-16526 Datasheet HTML 1Page - SparkFun Electronics DEV-16526 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES
Lattice iCE40-HX8K FPGA - 7680 logic elements
79 IO pins (3.3V logic level)
USB-C to configure and power the board
Eight general purpose LEDs
One button (typically used as a reset)
100MHz on-board clock (can be multiplied internally by the FPGA)
Powered with 5V through USB-C port, 0.1" holes, or headers
USB to serial interface for data transfer (up to 12Mbaud)
Qwiic Connector
Dimensions of 65mm x 45mm
 
 
 
 
https://www.sparkfun.com/products/16526/9‐3‐20 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com