Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-16527 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-16527
Description  Alchitry Au FPGA Development Board (Xilinx Artix 7)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-16527 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-16527 Datasheet HTML 1Page - SparkFun Electronics DEV-16527 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Alchitry Au FPGA Development Board (Xilinx Artix 7)
DEV-16527
 
The Alchitry Au is the "gold" standard for FPGA development boards and it's possibly one of the
strongest boards of its type on the market. FPGAs, or Field-Programmable Gate Arrays, are an
advanced development board type for engineers and hobbyists alike to experience the next step in
programming with electronics. The Au continues the trend of more affordable and increasingly
powerful FPGA boards arriving each year. This board is a fantastic starting point into the world of
FPGAs and the heart of your next project. Finally, now that this board is built by SparkFun, we
added a Qwiic connector for easy I2C integration!
The Alchitry Au features a Xilinx Artix 7 XC7A35T-1C FPGA with over 33,000 logic cells and 256MB
of DDR3 RAM. The Au offers 102 3.3V logic level IO pins, 20 of which can be switched to 1.8V; Nine
differential analog inputs; Eight general purpose LEDs; a 100MHz on-board clock that can be
manipulated internally by the FPGA; a USB-C connector to configure and power the board; and a
USB to serial interface for data transfer. To make getting started even easier, all Alchitry boards
have full Lucid support, a built in library of useful components to use in your project, and a debugger!
By adding stackable expansion boards similar to shields or HATs called "Elements," the Alchitry Au
is able to expand its own hardware capabilities by adding prototyping spaces, buttons, LEDs, and
more!
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.


Similar Part No. - DEV-16527

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-16524 SPARKFUN-DEV-16524 Datasheet
214Kb / 2P
Alchitry Br Prototype Element Board
9????0
DEV-16525 SPARKFUN-DEV-16525 Datasheet
202Kb / 2P
Alchitry Io Element Board
9????0
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
More results

Similar Description - DEV-16527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSO8000 HP-MSO8000 Datasheet
928Kb / 8P
FPGA Dynamic Probe for Xilinx
N5406A HP-N5406A Datasheet
1,009Kb / 9P
FPGA Dynamic Probe for Xilinx
logo
Xilinx, Inc
DS693 XILINX-DS693 Datasheet
438Kb / 13P
Integrated into Xilinx Embedded Development Kit
logo
Maxim Integrated Produc...
DS28E01PMOD MAXIM-DS28E01PMOD Datasheet
561Kb / 2P
Xilinx FPGA IFF Copy Protection Scheme
19-5866; Rev 0; 5/11
logo
Intel Corporation
DE2I-150 INTEL-DE2I-150 Datasheet
919Kb / 22P
DE2i-150 FPGA Development Kit
logo
SparkFun Electronics
DEV-11953 SPARKFUN-DEV-11953 Datasheet
109Kb / 2P
Mojo v3 FPGA Development Board
11/10/2015
DEV-16524 SPARKFUN-DEV-16524 Datasheet
214Kb / 2P
Alchitry Br Prototype Element Board
9????0
DEV-16525 SPARKFUN-DEV-16525 Datasheet
202Kb / 2P
Alchitry Io Element Board
9????0
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
KIT-16497 SPARKFUN-KIT-16497 Datasheet
142Kb / 2P
Alchitry Au FPGA Kit
8??1??0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com