Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-16527 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-16527
Description  Alchitry Au FPGA Development Board (Xilinx Artix 7)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-16527 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-16527 Datasheet HTML 1Page - SparkFun Electronics DEV-16527 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES
Artix 7 XC7A35T-1C - 33,280 logic cells
256MB DDR3 RAM
102 IO pins (3.3V logic level, 20 of then can be switched to 1.8V for LVDS)
Nine differential analog inputs (One dedicated, Eight mixed with digital IO)
USB-C to configure and power the board
Eight general purpose LEDs
One button (typically used as a reset)
100MHz on-board clock (can be multiplied internally by the FPGA)
Powered with 5V through USB-C port, 0.1" holes, or headers
USB to serial interface for data transfer (up to 12Mbaud)
Qwiic Connector
Dimensions of 65mm x 45mm
 
 
https://www.sparkfun.com/products/16527/9‐3‐20 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com