Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAE00M3 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAE00M3
Description  Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00M3 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAE00M3 Datasheet HTML 1Page - Balluff Korea Ltd. BAE00M3 Datasheet HTML 2Page - Balluff Korea Ltd. BAE00M3 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Switching Power Supplies
BAE PS-XA-1S-24-200-104
Order Code: BAE00M3
Internet
www.balluff.com
eCl@ss 9.1: 27-04-07-01
Subject to change without notice: 269556
ETIM 6.0: EC002540
BAE00M3_1.36_2021-07-15
1 / 3
1) Potentiometer
Basic features
Approval/Conformity
CE
WEEE
cULus
EAC
Basic standard
EN 61204
Series
Heartbeat
Short description
Switching power supply
Version
DIN rail
Electrical connection
Connection (supply voltage IN)
Terminal strip
Connection (supply voltage OUT)
Terminal strip
Connection alarm
Opto-relay with "Common"
contact
Interconnected operation type
Parallel wiring: not possible
Series wiring: max. 2 devices
Polarity reversal protected
no
Short-circuit protection
continuous short circuit protection
Electrical data
Current alarm max.
150 mA
Derating
-3.5 %/°C > +50 °C
Efficiency typ.
94 %
Hold-up time
≥ 30 ms at 230 V AC
≥ 25 ms at 115 V AC
Idle running losses
3.0 W at 115 V/230 V
Input fuse
T 12 A internal
Input voltage
115/230 V AC automatic selection
Input voltage
90...132 V AC
198...264 V AC
Input/output insulation voltage
3000 V AC
Inrush current
≤ 20 A at 230 V AC
≤ 15 A at 115 V AC
Isolation resistance
≥ 100 MOhm
Load control
±0.5 %
Output capacity max.
720 W
Output current max.
30 A for max. 4s
1x/min.
Output rating
480 W
Output voltage
24 VDC


Similar Part No. - BAE00M3

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE00MU BALLUFF-BAE00MU Datasheet
100Kb / 2P
Lighting for Vision Systems
0.67_2021-10-12
More results

Similar Description - BAE00M3

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TCP-12-34 TAB-TCP-12-34 Datasheet
358Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
Switching Power Supplies
2.26_2021-05-03
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
Switching Power Supplies
0.28_2021-12-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com