Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAE00M3 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BAE00M3
Description  Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00M3 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BAE00M3 Datasheet HTML 1Page - Balluff Korea Ltd. BAE00M3 Datasheet HTML 2Page - Balluff Korea Ltd. BAE00M3 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Switching Power Supplies
BAE PS-XA-1S-24-200-104
Order Code: BAE00M3
Internet
www.balluff.com
eCl@ss 9.1: 27-04-07-01
Subject to change without notice: 269556
ETIM 6.0: EC002540
BAE00M3_1.36_2021-07-15
2 / 3
Output voltage, tolerance
±1 %
Power boost
150 %
Power boost, duration max.
4 s
Protection class
I (IEC 61140)
Rated input current
4.6 A at 230 V AC
9.0 A at 115 V AC
Rated output current
20 A
Residual ripple max.
50 mVpp/10 mVrms
Setting range
22…28 V DC
Settling time
2 ms
Switching frequency
115000 Hz
Turn-on time max.
1 s
Voltage alarm max.
60 V DC/30 V AC
Voltage control
±0.5 %
Working frequency
47…63 Hz
Environmental conditions
Ambient temperature
-25...60 °C
Contamination scale
2
Cooling
Free convection
IP rating
IP20
Over temperature
not protected
Relative humidity
5…95 %, non-condensing
Storage temperature
-25...85 °C
Temperature coefficient max.
±0.03 %/K
Functional safety
MTTF (40 °C)
43.3 a
Material
Housing material
Aluminum
Mechanical data
Dimension
79 x 127 x 139 mm
Mounting part
DIN rail mount
Weight
1.10 kg
Remarks
Values measured at +25 °C and full load.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com