Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAE00TM Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAE00TM
Description  Switching Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00TM Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAE00TM Datasheet HTML 1Page - Balluff Korea Ltd. BAE00TM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Power Supplies
BAE PS-XA-1W-24-080-605-I
Order Code: BAE00TM
Internet
www.balluff.com
eCl@ss 9.1: 27-04-07-01
Subject to change without notice: 241658
ETIM 6.0: EC002540
BAE00TM_2.26_2021-05-03
1 / 2
Basic features
Approval/Conformity
CE
IO-Link
WEEE
Basic standard
EN 61204
Series
Heartbeat
Short description
Switching power supply
Version
IP67
Electrical connection
Connection
M12x1, A-coded
Connection (supply voltage IN)
7/8"-Male
Connection (supply voltage OUT)
7/8"-Female
Interconnected operation type
Series wiring: max. 2 devices
Parallel wiring: not possible
Polarity reversal protected
yes
Short-circuit protection
continuous short circuit protection
Electrical data
Derating
-2.5 %/°C >+60 °C
Efficiency typ.
91 %
Hold-up time
≥ 100 ms at 230 V AC
≥ 25 ms at 115 V AC
Input fuse
T 6.3 A internal
Input voltage
100…240 V AC, 1-phase
Input voltage
90...254 V AC
Input/output insulation voltage
3000 V AC
Inrush current
≤ 20
A
Isolation resistance
≥ 100 MOhm
Load control
±1 %
Output capacity max.
192 W
Output current max.
12 A for max. 4s
Output voltage
24 VDC
Output voltage, tolerance
-1…3 %
Power boost
150 %
Power boost, duration max.
4 s
Protection class
I
Rated input current
1.6 A at 240 V AC
3.6 A at 100 V AC
Rated output current
8 A


Similar Part No. - BAE00TM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE00T4 BALLUFF-BAE00T4 Datasheet
172Kb / 3P
Switching Power Supplies
2.24_2021-05-03
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
Switching Power Supplies
2.26_2021-05-03
BAE00TL BALLUFF-BAE00TL Datasheet
133Kb / 2P
Switching Power Supplies
2.26_2021-05-03
BAE00TN BALLUFF-BAE00TN Datasheet
133Kb / 2P
Switching Power Supplies
2.26_2021-05-03
More results

Similar Description - BAE00TM

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TCP-12-34 TAB-TCP-12-34 Datasheet
358Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
Switching Power Supplies
2.26_2021-05-03
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
Switching Power Supplies
0.28_2021-12-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com