Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAE00TM Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BAE00TM
Description  Switching Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00TM Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BAE00TM Datasheet HTML 1Page - Balluff Korea Ltd. BAE00TM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Switching Power Supplies
BAE PS-XA-1W-24-080-605-I
Order Code: BAE00TM
Internet
www.balluff.com
eCl@ss 9.1: 27-04-07-01
Subject to change without notice: 241658
ETIM 6.0: EC002540
BAE00TM_2.26_2021-05-03
2 / 2
Residual ripple max.
1 %
Settling time
1 ms
Switching frequency
110000 Hz
Turn-on time max.
1 s
Voltage control
±1 %
Working frequency
48…62 Hz
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
Cooling
Free convection
IP rating
IP67, with connector
IP rating IEC 60529 (connector)
IP67 with connector
Over temperature
protected
Relative humidity
100 %
Storage temperature
-25...85 °C
Temperature coefficient max.
±0.03 %/K
Functional safety
MTTF (40 °C)
65.9 a
Interface
Interface
IO-Link 1.1
Material
Housing material
Aluminum
PC
Mechanical data
Casting
PUR
Dimension
116 x 85 x 150 mm
Mounting part
Flange mounting
Weight
1.65 kg
Remarks
Values measured at +25 °C and full load.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Power Out
PIN 1: 0V
PIN 2: 0V
PIN 3: GND
PIN 4: +24V
PIN 5: +24V
Power IN
PIN 1: GND
PIN 2: L
PIN 3: N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com