Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAB-15230 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # LAB-15230
Description  micro:bit Educator Lab Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

LAB-15230 Datasheet(HTML) 2 Page - SparkFun Electronics

  LAB-15230 Datasheet HTML 1Page - SparkFun Electronics LAB-15230 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The micro:bit is a pocket-sized computer that lets you get creative with digital technology. Between
the micro:bit and our shield-like bit boards you can do almost anything while coding, customizing and
controlling your micro:bit from almost anywhere! You can use your micro:bit for all sorts of unique
creations, from robots to musical instruments and more. At half the size of a credit card, this versatile
board has vast potential!
INCLUDES
10x micro:bit Board
10x Small Servo
10x Mini Speaker
10x micro:bit Battery Holder --- 2xAAA
10x USB Micro-B Cable --- 6 Foot
10x Alligator Test Leads (10 Pack)
10x Jumper Wires Standard 7in. M/M --- 30 AWG (30 Pack)
                                            https://www.sparkfun.com/products/15230/4‐17‐19



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com