Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAB-15230 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # LAB-15230
Description  micro:bit Educator Lab Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

LAB-15230 Datasheet(HTML) 1 Page - SparkFun Electronics

  LAB-15230 Datasheet HTML 1Page - SparkFun Electronics LAB-15230 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
micro:bit Educator Lab Pack
LAB-15230
The micro:bit Educator's Lab Pack includes 10 micro:bit boards and everything you need to get you
started with the new learning platform. The Lab Pack has everything you need, including micro:bits,
cables, battery packs and a few parts to experiment with. This package provides an easy way to
introduce your students to the micro:bit without any difficulty or parts hunting.
SparkFun packages everything educators need to get started with the micro:bit in a variety of
classroom settings and learning environments. The hardware boards, cables and extra parts come
pre-packaged. Examples and curriculum materials are available from SparkFun and micro:bit, as
well as from other educators involved in this growing maker education movement.
Lab Packs are your classroom entry point. By combining our kits, popular boards and other
educational tools with support materials, SparkFun brings all the power of the open source
community to the classroom. We've also updated the battery pack to be closer to what is in other
micro:bit kits. It now requires 2xAAA batteries.


Similar Part No. - LAB-15230

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
LAB-15229 SPARKFUN-LAB-15229 Datasheet
148Kb / 3P
SparkFun Inventor is Kit for micro:bit Lab Pack
5??4??
More results

Similar Description - LAB-15230

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSOXEDK KEYSIGHT-DSOXEDK Datasheet
2Mb / 8P
Educator?셲 Oscilloscope Training Kit
E6701K KEYSIGHT-E6701K Datasheet
3Mb / 6P
E6704A EGPRS Lab Applications
E6717H KEYSIGHT-E6717H Datasheet
1Mb / 7P
Lab Applications
E6719J KEYSIGHT-E6719J Datasheet
466Kb / 16P
E6706G 1xEV-DO Lab Application
logo
API Technologies Corp
1404N APITECH-1404N Datasheet
632Kb / 1P
Precision Lab Standard N Connectors
logo
SparkFun Electronics
DEV-14208 SPARKFUN-DEV-14208 Datasheet
150Kb / 2P
micro:bit
4??6??7
KIT-16274 SPARKFUN-KIT-16274 Datasheet
197Kb / 2P
SparkFun micro:climate kit for micro:bit - v3.0
2??0??0
LAB-15229 SPARKFUN-LAB-15229 Datasheet
148Kb / 3P
SparkFun Inventor is Kit for micro:bit Lab Pack
5??4??
PRT-14299 SPARKFUN-PRT-14299 Datasheet
78Kb / 1P
micro:bit Battery Holder - 2xAA (JST-PH)
6??0??7
SEN-15272 SPARKFUN-SEN-15272 Datasheet
111Kb / 2P
SparkFun gator:soil - micro:bit Accessory Board
6??4??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com