Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # MPL3115A2
Description  MPL3115A2 Pressure Sensor Hookup Guide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

MPL3115A2 Datasheet(HTML) 1 Page - SparkFun Electronics

  MPL3115A2 Datasheet HTML 1Page - SparkFun Electronics MPL3115A2 Datasheet HTML 2Page - SparkFun Electronics MPL3115A2 Datasheet HTML 3Page - SparkFun Electronics MPL3115A2 Datasheet HTML 4Page - SparkFun Electronics MPL3115A2 Datasheet HTML 5Page - SparkFun Electronics MPL3115A2 Datasheet HTML 6Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MPL3115A2 Pressure Sensor Hookup Guide
CONTR IBUTORS:
NAT E
MPL3115A2 Overview
The MPL3115A2 is a low-cost, low power, highly accurate barometric
pressure sensor. Use this sensor to detect changes in barometric pressure
(weather changes) or for altitude (UAV controllers and the like). The sensor
is very sensitive and capable of detecting a change of only 0.05kPa which
equates to a 0.3m change in altitude.
MPL3115A2 Pressure sensor breakout board
Things you should know about this sensor:
• Uses the I C interface
• Only one sensor can reside on the I C bus
• Uses the I C repeated start condition. Arduino supports this, check if
you’re using a different microcontroller.
2
2
2


Similar Part No. - MPL3115A2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL3115A2 FREESCALE-MPL3115A2 Datasheet
374Kb / 44P
I2C Precision Altimeter
logo
NXP Semiconductors
MPL3115A2 NXP-MPL3115A2 Datasheet
991Kb / 50P
I2C precision pressure sensor with altimetry
Rev.5.1-13 September 2016
logo
Freescale Semiconductor...
MPL3115A2R1 FREESCALE-MPL3115A2R1 Datasheet
374Kb / 44P
I2C Precision Altimeter
logo
NXP Semiconductors
MPL3115A2R1 NXP-MPL3115A2R1 Datasheet
991Kb / 50P
I2C precision pressure sensor with altimetry
Rev.5.1-13 September 2016
MPL3115A2S NXP-MPL3115A2S Datasheet
799Kb / 49P
I2C precision pressure sensor with altimetry
Rev. 1.4 - 8 May 2023
More results

Similar Description - MPL3115A2

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
CEL-13120 SPARKFUN-CEL-13120 Datasheet
914Kb / 22P
Cellular Shield Hookup Guide
DEV-12935 SPARKFUN-DEV-12935 Datasheet
175Kb / 5P
FTDI SmartBasic Hookup Guide
KIT-13091 SPARKFUN-KIT-13091 Datasheet
583Kb / 14P
Pi Wedge B Hookup Guide
LCD-14048 SPARKFUN-LCD-14048 Datasheet
818Kb / 33P
TeensyView Hookup Guide
WRL-13287 SPARKFUN-WRL-13287 Datasheet
822Kb / 15P
WiFi Shield Hookup Guide
APDS-9960 SPARKFUN-APDS-9960 Datasheet
544Kb / 12P
APDS-9960 RGB and Gesture Sensor Hookup Guide
9/29/2015
GPS-18443 SPARKFUN-GPS-18443 Datasheet
6Mb / 33P
SparkFun RTK Surveyor Hookup Guide
KIT-14130 SPARKFUN-KIT-14130 Datasheet
320Kb / 7P
Roshamglo Hookup Guide
3/22/2017
SEN-16467 SPARKFUN-SEN-16467 Datasheet
783Kb / 10P
SparkFun Humidity Sensor Breakout - SHTC3 (Qwiic) Hookup Guide
SEN-17777 SPARKFUN-SEN-17777 Datasheet
916Kb / 9P
Qwiic Ultrasonic Distance Sensor (HC-SR04) Hookup Guide
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com