Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # MPL3115A2
Description  MPL3115A2 Pressure Sensor Hookup Guide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

MPL3115A2 Datasheet(HTML) 2 Page - SparkFun Electronics

  MPL3115A2 Datasheet HTML 1Page - SparkFun Electronics MPL3115A2 Datasheet HTML 2Page - SparkFun Electronics MPL3115A2 Datasheet HTML 3Page - SparkFun Electronics MPL3115A2 Datasheet HTML 4Page - SparkFun Electronics MPL3115A2 Datasheet HTML 5Page - SparkFun Electronics MPL3115A2 Datasheet HTML 6Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• Typical pressure accuracy of ±0.05kPa
• Typical altitude accuracy of ±0.3m
• Typical temperature accuracy of ±3C
• 3.3V sensor - use inline logic level converters or 330 ohm resistors to
limit 5V signals
• Here’s the datasheet
• Here’s the schematic for the breakout board
This sensor is ideal for environmental sensing, a weather station, or
datalogging. It is a worthy replacement for the BMP085 and is more
sensitive than the MPL115A1.
Suggested Reading
• Read about I C!
• Using 3.3V sensors with 5V systems
• Installing an Arduino library
• What are pull-up resistors?
• Local Pressure vs Weather Station Pressure
Hooking It Up
Wiring up the MPL3115A2 pressure sensor is very easy!
Basic hook up with 330 ohm in-line resistors
There are only four pins that need to be hooked up in order to start using
this sensor in a project. One for VCC, one for GND, and two data lines for
I C communication.
Note: This breakout board has built in 1k pull up resistors for I C
communications. If you’re hooking up multiple I C devices on the same bus,
you may need to disable the other resistors on the bus.
Connections: Breakout board to Arduino
•VCC → 3.3V
2
2
2
2
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com