Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAE0112 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAE0112
Description  Switching Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE0112 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAE0112 Datasheet HTML 1Page - Balluff Korea Ltd. BAE0112 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Power Supplies
BAE PS-XA-1W-24-050-017
Order Code: BAE0112
Internet
www.balluff.com
eCl@ss 9.1: 27-04-07-01
Subject to change without notice: 272922
ETIM 6.0: EC002540
BAE0112_0.28_2021-12-17
1 / 2
Basic features
Approval/Conformity
CE
EAC
cURus
cULus
WEEE
Basic standard
EN 61204
Series
Standard
Short description
Switching power supply
Version
DIN rail
Electrical connection
Connection
0.25...4 mm²
Electrical data
Derating
-2%/°C -10°C>T>-20°C/115 VAC,
230 VAC
-1.67%/°C>+40°C/115 VAC
-2.5%/°C>+50°C/230 VAC
Efficiency typ.
90 %
Hold-up time
≥ 20 ms at 115 V AC
≥ 90 ms typ. at 230 V AC
Input fuse
T 4 A
Input voltage
100…240 V AC, 1-phase
Input voltage
85...264 V AC
Input/output insulation voltage
3000 V AC
Inrush current
≤ 20 A at 115 V AC
≤ 40 A at 230 V AC
Isolation resistance
≥ 100 MOhm
Output capacity max.
120 W
Output voltage
24 VDC
Output voltage, tolerance
+1 %
Protection class
I
Rated input current
2.2 A at 115 V AC
1.2 A at 230 V AC
Rated output current
5 A
Setting range
22…28 V DC
Settling time
2 ms


Similar Part No. - BAE0112

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
Switching Power Supplies
0.28_2021-12-17
BAE0113 BALLUFF-BAE0113 Datasheet
124Kb / 2P
Switching Power Supplies
0.26_2021-12-17
BAE0114 BALLUFF-BAE0114 Datasheet
125Kb / 2P
Switching Power Supplies
0.28_2021-12-17
BAE0115 BALLUFF-BAE0115 Datasheet
126Kb / 2P
Switching Power Supplies
0.3_2021-12-17
BAE0116 BALLUFF-BAE0116 Datasheet
126Kb / 2P
Switching Power Supplies
0.3_2021-12-17
More results

Similar Description - BAE0112

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TCP-12-34 TAB-TCP-12-34 Datasheet
358Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TCP-5-80 TECHNOLOGY-TCP-5-80 Datasheet
358Kb / 2P
SWITCHING POWER SUPPLIES
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
Switching Power Supplies
2.26_2021-05-03
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
Switching Power Supplies
0.28_2021-12-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com