Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAE0112 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BAE0112
Description  Switching Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE0112 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BAE0112 Datasheet HTML 1Page - Balluff Korea Ltd. BAE0112 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Switching Power Supplies
BAE PS-XA-1W-24-050-017
Order Code: BAE0112
Internet
www.balluff.com
eCl@ss 9.1: 27-04-07-01
Subject to change without notice: 272922
ETIM 6.0: EC002540
BAE0112_0.28_2021-12-17
2 / 2
Turn-on time max.
1 s
Working frequency
47…63 Hz
Environmental conditions
Ambient temperature
-20...70 °C
Contamination scale
2
Cooling
Free convection
EN 60068-2-27, Shock
Half-sinus: 11 ms (10 G), X-axis
EN 60068-2-6, Vibration
Sinus waves: 10Hz to 500Hz,
acceleration 19.6m/s² (2g peak)
10 min/cycle, 60 min, X-axis
IP rating
IP20
Over temperature
protected
Relative humidity
20…95 %, non-condensing
Storage temperature
-40...85 °C
Temperature coefficient max.
±0.03 %/K
Material
Housing material
Metal
Mechanical data
Dimension
40 x 123.6 x 117.6 mm
Mounting part
DIN rail mount
Weight
0.54 kg
Remarks
Values measured at +25 °C and full load.
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com