Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM93LC56GS8 Datasheet(PDF) 2 Page - Anachip Corp

Part # AM93LC56GS8
Description  2048-bits Serial Electrically Erasable PROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM93LC56GS8 Datasheet(HTML) 2 Page - Anachip Corp

  AM93LC56GS8 Datasheet HTML 1Page - Anachip Corp AM93LC56GS8 Datasheet HTML 2Page - Anachip Corp AM93LC56GS8 Datasheet HTML 3Page - Anachip Corp AM93LC56GS8 Datasheet HTML 4Page - Anachip Corp AM93LC56GS8 Datasheet HTML 5Page - Anachip Corp AM93LC56GS8 Datasheet HTML 6Page - Anachip Corp AM93LC56GS8 Datasheet HTML 7Page - Anachip Corp AM93LC56GS8 Datasheet HTML 8Page - Anachip Corp AM93LC56GS8 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2048-bits Serial Electrically Erasable PROM
AM93LC56
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
2/10
ATC
Block Diagrams
INSTRUCTION
REGISTER
(10 BITS)
INSTRUCTION
DECODE
CONTROL
AND
CLOCK
GENERATION
DATA
REGISTER
ADDRESS
REGISTER
V
CC RANGE
DETECTOR
WRITE ENABLE
DUMMY BIT
R/W AMPS
DECODER
HIGH VOLTAGE
GENERATOR
EEPROM
ARRAY
(128 X 16)
OR
(256 X 8)
DI
CS
SK
DO
ORG
Absolute Maximum Ratings
Characteristics
Symbol
Values
Unit
Storage Temperature
TS
-65 to + 125
°C
Voltage with Respect to Ground
-0.3 to + 6.5
V
NOTE:These are STRESS rating only. Appropriate conditions for operating these devices given elsewhere may permanently damage the
part. Prolonged exposure to maximum ratings may affect device reliability.
Operating Conditions
Temperature under bias
Values
Unit
AM93LC56
0 to + 70
°C
AM93LC56I
-40 to + 85
°C
AM93LC56V
-40 to +125
°C
DC Electrical Characteristics (Vcc =2.7~5.5V, Ta = 25oC , unless otherwise noted)
Parameter
Symbol
Conditions
Min
Max
Units
Operating current**
ICC
CS=VIH, SK=1MHz CMOS input levels
3
mA
Standby current
ISB
CS=DI=SK=0V
10
µA
Input leakage
IIL
VIN = 0V to VCC(CS,SK,DI)
-1
1
µA
Output leakage
IOL
VOUT = 0V to VCC, CS=0V
-1
1
µA
VCC = 3V + 10%
-0.1
0.15 VCC
Input low voltage**
VIL
VCC = 5V + 10%
-0.1
0.8
V
VCC = 3V + 10%
0.8 VCC
VCC +0.2
Input high voltage**
VIH
VCC = 5V + 10%
2
VCC +0.2
V
Output low voltage
VOL1
IOL = 2.1mA TTL, VCC=5V + 10%
0.4
V
Output high voltage
VOH1
IOH = -400uA TTL, VCC=5V + 10%
2.4
V
Output low voltage
IOL = 10uA CMOS
0.2
V
Output high voltage
VOL2
IOH = -10uA CMOS
VCC -0.2
V
Note **: ICC , VIL min and VIH max are for reference only and are not tested



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com