Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM93LC56GS8 Datasheet(PDF) 3 Page - Anachip Corp

Part # AM93LC56GS8
Description  2048-bits Serial Electrically Erasable PROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM93LC56GS8 Datasheet(HTML) 3 Page - Anachip Corp

  AM93LC56GS8 Datasheet HTML 1Page - Anachip Corp AM93LC56GS8 Datasheet HTML 2Page - Anachip Corp AM93LC56GS8 Datasheet HTML 3Page - Anachip Corp AM93LC56GS8 Datasheet HTML 4Page - Anachip Corp AM93LC56GS8 Datasheet HTML 5Page - Anachip Corp AM93LC56GS8 Datasheet HTML 6Page - Anachip Corp AM93LC56GS8 Datasheet HTML 7Page - Anachip Corp AM93LC56GS8 Datasheet HTML 8Page - Anachip Corp AM93LC56GS8 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2048-bits Serial Electrically Erasable PROM
AM93LC56
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
3/10
ATC
AC Electrical Characteristics (Vcc = 2.7V ~ 5.5V, Ta = 25oC , unless otherwise noted)
AM93LC56
Parameter
Symbol
Conditions
Min
Max
Units
SK Clock Frequency
FSK
0
1
MHz
SK High Time
TSKH
250
ns
SK Low Time
TSKL
250
ns
Minimum CS Low Time
TCS
250
ns
CS Setup Time
TCSS
Relative to SK
50
ns
DI Setup Time
TDIS
Relative to SK
100
ns
CS Hold Time
TcSH
Relative to SK
0
ns
DI Hold Time
TDIH
Relative to SK
100
ns
Output Delay to "1"
TpD1
AC Test
500
ns
Output Delay to "0"
TpD0
AC Test
500
ns
CS to Status Valid
TSV
AC Test CL = 100pF
500
ns
CS to DO in 3-state
TdF
CS = VIL
100
ns
Write Cycle Time
TwP
10
ms
5V, 25ºC, Page Mode
Endurance**
1M
write cycles
Note** : The parameter is characterized and isn’t 100% tested.
FIGURE 1. AC TEST CONDITIONS
632 ohm
DO
1.247V
(1 TTL Gate Load)
100PF
Instruction Set
Address
Input Data
Instruction
Start
Bit
OP
Code
×
8
×
16
×
8
×
16
READ
1
10
A7 - A0
A6 - A0
WEN (Write Enable)
1
00
11 XXXXXX
11XXXXX
WRITE
1
01
A7 - A0
A6 - A0
D7 – D0
D15 - D0
WRALL (Write All Registers)
1
00
01XXXXXX
01XXXXX
D7 – D0
D15 - D0
WDS (Write Disable)
1
00
00 XXXXXX
00XXXXX
ERASE
1
11
A7 - A0
A6 - A0
ERAL (Erase All Registers)
1
00
10 XXXXXX
10XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com