Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-15337 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-15337
Description  TRRS Audio Plug - 3.5mm (Metal)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-15337 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-15337 Datasheet HTML 1Page - SparkFun Electronics COM-15337 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
TRRS Audio Plug - 3.5mm (Metal)
COM-15337 ROHS
TRRS connectors are the audio-style connectors that you see on some phones, MP3 players and
development boards. TRRS stands for "Tip, Ring, Ring, Sleeve," which reflects the fact that, unlike a
standard stereo connector, this actually has three conductors and a ground. Some devices use the
extra conductor for a microphone (like hands-free headsets) or to carry a video signal (like in some
MP3/MP4 players). If you're hacking on something that has a 4-conductor audio jack, being able to
plug straight in will keep your build clean and simple.
Note: This plug allows you to add a custom length of wire to your connector or repair a broken
shroud on an existing cable you just cannot live without. Unfortunately, the supplier has not provided
a datasheet or dimensional drawing please see the similar documents provided by other SparkFun
products on the "documents" tab.
INCLUDES
Plug w/ solder-point connections
Shroud to cover solder connections


Similar Part No. - COM-15337

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-15047 SPARKFUN-COM-15047 Datasheet
220Kb / 3P
SparkFun LuMini LED Matrix - 8x8 (64 x APA102-2020)
2-6-19
COM-15133 SPARKFUN-COM-15133 Datasheet
115Kb / 2P
Stomp Switch
1????9
COM-15422 SPARKFUN-COM-15422 Datasheet
182Kb / 2P
Fiber Optic Fabric - Black (30x30cm)
7??12??9
COM-15438 SPARKFUN-COM-15438 Datasheet
99Kb / 2P
TRS Audio Plug - 3.5mm (Metal)
7??2??9
More results

Similar Description - COM-15337

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P318006MF TRIPPLITE-P318006MF Datasheet
486Kb / 2P
3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M-F) 6-ft
logo
CUI INC
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
Tripp Lite. All Rights ...
P318-006-MF TRIPPLITE-P318-006-MF Datasheet
161Kb / 2P
3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M/F) 6-ft.
logo
CUI INC
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
SparkFun Electronics
CAB-14163 SPARKFUN-CAB-14163 Datasheet
64Kb / 1P
Audio Cable TRRS - 1ft
6??2??7
CAB-14164 SPARKFUN-CAB-14164 Datasheet
67Kb / 1P
Audio Cable TRRS - 3ft
6??2??7
COM-15438 SPARKFUN-COM-15438 Datasheet
99Kb / 2P
TRS Audio Plug - 3.5mm (Metal)
7??2??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com