Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7445LA Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7445LA
Description  42V, 1.6MHz, 600mA Step-Down Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7445LA Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7445LA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7445LA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7445LA Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE7445LA
42V, 1.6MHz, 600mA Step-Down Converter
VER 1.1
2
Absolute Maximum Rating
Parameter
Value
Input Voltage Range
-0.3V-45V
Max Operating Junction Temperature (Tj)
150°C
SW, EN Voltage
–0.3V to VIN+0.3V
BST Voltage
–0.3V toSW+6V
FB Voltage
–0.3V to 6V
SW to ground current
Internally limited
Operating Temperature (To)
-40°C
–85°C
Package Thermal Resistance (jc)
110°C / W
Storage Temperature (Ts)
-55°C - 150°C
ESD Rating
2000V
(Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating conditions
for long periods may affect device reliability.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com