Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7445LA Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7445LA
Description  42V, 1.6MHz, 600mA Step-Down Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7445LA Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7445LA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7445LA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7445LA Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7445LA
42V, 1.6MHz, 600mA Step-Down Converter
VER 1.1
1
Description
The ACE7445LA is a wide input range, high- efficiency, and high frequency DC-to-DC step- down
switching regulator, capable of delivering up to 0.6A of output current.
With a fixed switching frequency of 1.6MHz, this current mode PWM controlled converter allows the use
of small external components, such as ceramic input and output caps, as well as small inductors.
Including cold crank and double battery jump- starts, the minimum input voltage may be as low as 4.5V
and the maximum up to 42V, with even higher transient voltages. With these high input voltages, linear
regulators cannot be used for high supply currents without overheating the regulator. Instead, high
efficiency switching regulators such as ACE7445LA must be used to minimize thermal dissipation.
ACE7445LA is available SOT23-6 Packages.
Features
⚫
Wide Input Operating Range from 4.5V to 42V
⚫
435m
Ω internal NMOS
⚫
Up to 94% Efficiency at 18V in 12V out L=47uH with 350mA loading
⚫
Internal compensation
⚫
Capable of Delivering 600mA continuous output current
⚫
Fixed 1.6MHz PWM operation
⚫
Internal soft start
⚫
Output voltage adjustable down to 0.795V
⚫
Cycle-by-cycle current limit
⚫
Current Mode control
⚫
Short-circuit protection
⚫
Logic Control Shutdown EN can be short to VIN
⚫
Thermal shutdown and UVLO
⚫
Available in SOT23-6 Package
Application
⚫
Smart/Industrial/Power Meters
⚫
Industrial Applications
⚫
Automotive Applications


Similar Part No. - ACE7445LA

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7400 ACE-ACE7400 Datasheet
236Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE7400 ACE-ACE7400 Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE7400CM+H ACE-ACE7400CM+H Datasheet
236Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE7400CM+H ACE-ACE7400CM+H Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE7400 ACE-ACE7400_12 Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE7445LA

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
600mA, 1MHz Step-Down Converter
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
600mA Step-Down Converter
logo
Monolithic Power System...
MP2560 MPS-MP2560 Datasheet
509Kb / 19P
2.5A, 4MHz, 42V Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
600mA Step-Down Converter
AAT1126 SKYWORKS-AAT1126 Datasheet
1,004Kb / 18P
600mA, 1MHz Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
600mA Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9342 BELLING-BL9342 Datasheet
249Kb / 8P
40V, 600mA , Step-Down Converter
BL9352A BELLING-BL9352A Datasheet
1Mb / 8P
45V, 1.6MHz, 600mA Step-Down Converter
logo
AiT Semiconductor Inc.
A7406B AITSEMI-A7406B Datasheet
914Kb / 12P
DC-DC CONVERTER BUCK (STEP-DOWN) 45V, 1.6MHz, 600mA ASYNCHRONOUS
REV1.1
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
600mA Step-Down Converter
April 2019 - Revision 04c
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com