Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-30GM-R2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # UC-30GM-R2
Description  Interface cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

UC-30GM-R2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  UC-30GM-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Interface cable
UC-30GM-R2
Function
The UC-30GM-R2 interface cable enables the parameterisation of ultrasonic sensors of types UC...-30GM-..R2-V15 using the ULTRA3000
service software. The cable creates a connection between the PC-internal RS 232 interface and the connector of the temperature/programming
plug on the sensor.
At PCs without RS 232 interface the connection can alternatively be done at a free USB port. For this purpose, additionally an interface adapter
USB-0,8M-PVC ABG-SUBD9 is required.
Dimensions
Sensor side
PC side
3 m
Technical Data
Mechanical specifications
Connection
9-pin Sub-D socket
Material
Cable
PUR
Cable
Color
black
Cable length
3 m
Accessories
ULTRA3000
Software for ultrasonic sensors, comfort line
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - UC-30GM-R2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UC-30GM-R2 PF-UC-30GM-R2 Datasheet
505Kb / 5P
Ultrasonic sensor
2016-08-01
More results

Similar Description - UC-30GM-R2

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK305-5-R ASSMANN-AK305-5-R Datasheet
232Kb / 1P
MIDI INTERFACE CABLE
logo
M/A-COM Technology Solu...
M21215 MA-COM-M21215 Datasheet
433Kb / 24P
SMPTE Coaxial Cable Interface
logo
Pepperl+Fuchs Inc.
UC-PROG-IR-USB PF-UC-PROG-IR-USB Datasheet
599Kb / 3P
Interface cable
logo
Ultralife Corporation.
UCA0102-XX ULTRALIFE-UCA0102-XX Datasheet
569Kb / 1P
Interface charge cable
Rev: A
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-BK PF-VAZ-FK-R-BK Datasheet
166Kb / 1P
AS-Interface flat cable
VAZ-FK-R-YE PF-VAZ-FK-R-YE Datasheet
167Kb / 1P
AS-Interface flat cable
VAZ-SIMON-RJ45 PF-VAZ-SIMON-RJ45 Datasheet
91Kb / 1P
Interface cable
VAZ-SIMON-R2 PF-VAZ-SIMON-R2 Datasheet
96Kb / 1P
Interface cable
VAZ-FK-PUR-BK-500M PF-VAZ-FK-PUR-BK-500M Datasheet
167Kb / 1P
AS-Interface flat cable
2019-08-23
VAZ-FK-S-BK-SUP-500M PF-VAZ-FK-S-BK-SUP-500M Datasheet
149Kb / 1P
AS-Interface flat cable
2019-08-23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com