Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-30GM-R2 Datasheet (PDF) - Pepperl+Fuchs Inc.

UC-30GM-R2 Datasheet PDF - Pepperl+Fuchs Inc.
Part # UC-30GM-R2
Download  UC-30GM-R2 Download
File Size   505.18 Kbytes
Page   5 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description Ultrasonic sensor

UC-30GM-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC-30GM-R2 Datasheet PDF - Pepperl+Fuchs Inc.

Part # UC-30GM-R2
Download  UC-30GM-R2 Click to download

File Size   505.18 Kbytes
Page   5 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description Ultrasonic sensor

UC-30GM-R2 Datasheet (HTML) - Pepperl+Fuchs Inc.


UC-30GM-R2 Product details

Features
• Parameterization interface for the application-specific adjustment of the sensor setting via the service program ULTRA 3000
• Analog current and voltage output
• Synchronization options
• Adjustable acoustic power and sensitivity
• Temperature compensation

General specifications
Sensing range 80 ... 2000 mm
Adjustment range 120 ... 2000 mm
Dead band 0 ... 80 mm
Standard target plate 100 mm x 100 mm
Transducer frequency approx. 180 kHz
Response delay 65 ms minimum 195 ms factory setting




Similar Part No. - UC-30GM-R2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UC-30GM-R2 PF-UC-30GM-R2 Datasheet
247Kb / 2P
Interface cable
More results


Similar Description - UC-30GM-R2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UB2000-F42S-U-V15 PF-UB2000-F42S-U-V15 Datasheet
840Kb / 6P
Ultrasonic sensor
UB3000-F42-UK-V95 PF-UB3000-F42-UK-V95 Datasheet
829Kb / 6P
Ultrasonic sensor
UB4000-F42-E4-V15 PF-UB4000-F42-E4-V15 Datasheet
457Kb / 6P
Ultrasonic sensor
UB4000-F42-E6-V15 PF-UB4000-F42-E6-V15 Datasheet
448Kb / 6P
Ultrasonic sensor
UB4000-F42-U-V15 PF-UB4000-F42-U-V15 Datasheet
452Kb / 6P
Ultrasonic sensor
UB6000-30GM-H3-V1 PF-UB6000-30GM-H3-V1 Datasheet
482Kb / 4P
Ultrasonic sensor
UC3500-30GM70S-UE2R2-V15 PF-UC3500-30GM70S-UE2R2-V15 Datasheet
896Kb / 6P
Ultrasonic sensor
UC6000-30GM-2EP-IO-V15 PF-UC6000-30GM-2EP-IO-V15 Datasheet
1Mb / 8P
Ultrasonic sensor
UC6000-30GM70-IE2R2-V15 PF-UC6000-30GM70-IE2R2-V15 Datasheet
1Mb / 6P
Ultrasonic sensor
UC6000-30GM70S-IE2R2-V15 PF-UC6000-30GM70S-IE2R2-V15 Datasheet
881Kb / 6P
Ultrasonic sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com