Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-30GM-R2 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # UC-30GM-R2
Description  Ultrasonic sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

UC-30GM-R2 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  UC-30GM-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ultrasonic sensor
UC2000-30GM-IUR2-V15
3
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Description of Sensor Functions
Programming procedure
The sensor features 2 programmable analog outputs with programmable evaluation range. Programming the evaluation
range and the operating mode is done either via the sensor's RS232 interface and ULTRA3000 software (see the
ULTRA3000 software description) or by means of the programming plug at the sensor's back end which is described
here.
Programming of Evaluation Range
1. Disconnect supply voltage
2. Remove the programming plug to activate program mode.
3. Reconnect supply voltage (Reset)
4. Place the target at the desired position for A1
5. Momentarily insert the programming plug in position A1 and then remove. This will program the position A1.
6. Place the target at the desired position for A2
7. Momentarily insert the programming plug in position A2 and then remove. This will program the position A2.
Notes:
• Removing the programming plug saves the new position into the device memory.
• The programming status is indicated by the LED. A flashing green LED indicates that the target is detected; a flashing red LED indicates that
no target is detected.
Programming the Operation Mode
If the program mode is still activated, continue at number 4. If not, activate program mode by performing the sequence numbers 1 to 3.
1. Disconnect supply voltage
2. Remove the programming plug to activate program mode.
3. Reconnect supply voltage (Reset)
4. Insert the programming plug in position E2/E3. By removing and reinserting the plug, the user can toggle through the three different modes
of operation. The selected mode is indicated by the LEDs as shown below:
• Rising slope mode, LED A2 flashes
• Falling slope mode, LED A1 flashes
• Zero line mode, LEDs A1 and A2 flash
5. Once the desired mode is selected, insert the programming plug in position T. This completes the programming procedure and saves the
switch points and mode of operation.
6. The sensor now operates in normal mode.
Note:
The programming plug also functions as the temperature compensation. If the programming plug has not been inserted in the T position within 5
minutes, the sensor will return to normal operating mode with the latest saved values, without temperature compensation.
Factory settings
See technical data.
Display
The sensor provides LEDs to indicate various conditions.
Accessories
BF 30
Mounting flange, 30 mm
BF 30-F
Mounting flange with dead stop, 30 mm
BF 5-30
Universal mounting bracket for cylindrical sensors with a diameter of 5 ... 30 mm
UVW90-M30
Ultrasonic -deflector
UVW90-K30
Ultrasonic -deflector
UC-30GM-PROG
ULTRA3000
Software for ultrasonic sensors, comfort line
UC-30GM-R2
DA5-IU-2K-V
Process control and indication equipment
V15-G-2M-PVC
Female cordset, M12, 5-pin, PVC cable
Coded plug
A2
A1
T
E2/E3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com