Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-30GM-R2 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # UC-30GM-R2
Description  Ultrasonic sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

UC-30GM-R2 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  UC-30GM-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ultrasonic sensor
UC2000-30GM-IUR2-V15
4
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
#
Synchronization
This sensor features a synchronization input for suppressing ultrasonic mutual interference ("cross talk"). If this input is not connected, the sensor
will operate using internally generated clock pulses. It can be synchronized by applying an external square wave. The pulse duration must be ≥
100 µs. Each falling edge of the synchronization pulse triggers transmission of a single ultrasonic pulse. If the synchronization signal remains low
for ≥ 1 second, the sensor will revert to normal operating mode. Normal operating mode can also be activated by opening the signal connection
to the synchronization input (see note below).
If the synchronization input goes to a high level for > 1 second, the sensor will switch to standby mode, indicated by the green LED. In this mode,
the outputs will remain in the last valid output state.
Note:
If the option for synchronization is not used, the synchronization input has to be connected to ground (0 V) or the sensor must be operated via a
V1 cordset (4-pin).
The synchronization function cannot be activated during programming mode and vice versa.
The following synchronization modes are possible:
1. Several sensors (max. number see technical data) can be synchronized together by interconnecting their respective synchronization inputs.
In this case, each sensor alternately transmits ultrasonic pulses in a self multiplexing mode. No two sensors will transmit pulses at the same
time (see note below).
2. Multiple sensors can be controlled by the same external synchronization signal. In this mode the sensors are triggered in parallel and are syn-
chronized by a common external synchronization pulse.
3. A separate synchronization pulse can be sent to each individual sensor. In this mode the sensors operate in external multiplex mode (see note
below).
4. A high level (+UB) on the synchronization input switches the sensor to standby mode.
Note:
Sensor response times will increase proportionally to the number of sensors that are in the synchronization string. This is a result of the multiplex-
ing of the ultrasonic transmit and receive signal and the resulting increase in the measurement cycle time.
Note on communication with the UC-30GM-R2 interface cable
The UC-30GM-R2 interface cable allows for communication with the ultrasonic sensor using
ULTRA3000 software. The cable creates a connection between a PC RS-232 interface and the
programming plug socket on the sensor. When connecting to the sensor, make certain the plug
is lined up correctly; otherwise no communication will be possible. The key of the cable’s plug
must be aligned to the groove of the socket on the sensor (not with the arrow symbol on the sen-
sor).
Programmable parameters with the ULTRA3000 software
• Evaluation limits A1 and A2
•Operation mode
• Sonic speed
• Temperature offset (The inherent temperature-rise of the sensor can be considered in the temperature compensation)
• Expansion of the unusable area (for suppression of unusable area echoes)
• Reduction of the detection range (for suppression of remote range echoes)
• Time of measuring cycle
• Acoustic power (interference of the burst duration)
• Sensitivity
• Behavior of the sensor in case of echo loss
• Behavior of the sensor in case of a fault
• Average formation via an allowed number of measuring cycles
• Selection of the parameter set, RS 232 or manually
Note:
When connected to a PC and running the ULTRA3000 software, the sensor can act as a long term data logger as well.
Green LED Red LED
Yellow LED A1
Yellow LED A2
During Normal Operation
- Temperature compensated
- with removed programming plug
Interference (e.g. compressed air)
On
Off
Off
Off
On
Flashing
Object in evaluation range
Object in evaluation range
remains in previous state
Object in sensing range
Object in sensing range
remains in previous state
During Sensor Programming
Evaluation limit A1:
Object detected
No object detected
Evaluation limit A2:
Object detected
No object detected
Operation mode:
Rising slope mode
Falling slope mode
Zero line mode
Flashing
Off
Flashing
Off
On
On
On
Off
Flashing
Off
Flashing
Off
Off
Off
Flashing
Flashing
Off
Off
Off
Flashing
Flashing
Off
Off
Flashing
Flashing
Flashing
Off
Flashing
Standby
Flashing
Off
remains in previous state
remains in previous state
A1
A2
E2
E3
LED
yellow
Dual-LED
green/red
LED
yellow
Evaluation limit 1
"Power on"/Disturbance
Evaluation limit 2
1
2
4
3
LED-window
V15-plug connector
(M12x1)
1: TXD
2: RXD
3: not used
4: GND
Temperature/program
connector
(PC connection via inter-
face cable UC-30GM-R2)
Groove



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com