Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC-30GM-R2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # UC-30GM-R2
Description  Ultrasonic sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

UC-30GM-R2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  UC-30GM-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. UC-30GM-R2 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Ultrasonic sensor
UC2000-30GM-IUR2-V15
Technical data
General specifications
Sensing range
80 ... 2000 mm
Adjustment range
120 ... 2000 mm
Dead band
0 ... 80 mm
Standard target plate
100 mm x 100 mm
Transducer frequency
approx. 180 kHz
Response delay
65 ms minimum
195 ms factory setting
Indicators/operating means
LED green
solid: Power-on
flashing: Standby mode or program function object detected
LED yellow 1
solid: object in evaluation range
flashing: program function
LED yellow 2
solid: object in detection range
flashing: program function
LED red
solid: temperature/program plug not connected
flashing: fault or program function object not detected
Temperature/TEACH-IN connector
Temperature compensation , Evaluation range programming
, output function setting
Electrical specifications
Operating voltage UB
10 ... 30 V DC , ripple 10 %SS
Power consumption P0
≤ 900 mW
Interface
Interface type
RS 232, 9600 Bit/s , no parity, 8 data bits, 1 stop bit
Input/Output
Synchronization
bi-directional
0 level -UB...+1 V
1 level: +4 V...+UB
input impedance: > 12 KOhm
synchronization pulse: ≥ 100 µs, synchronization interpulse
period: ≥ 2 ms
Synchronization frequency
Common mode operation
≤ 30 Hz
Multiplex operation
≤ 30 Hz / n , n = number of sensors , n ≤ 5
Output
Output type
1 current output 4 ... 20 mA
1 voltage output 0 ... 10 V
Switch-on delay ton
< 150 ms
Resolution
evaluation range [mm]/4000, but ≥ 0.35 mm
Deviation of the characteristic curve
≤ 0.2 % of full-scale value
Repeat accuracy
≤ 0.1 % of full-scale value
Load impedance
current output: ≤ 500 Ohm
Voltage output: ≥ 1000 Ohm
Temperature influence
≤ 2 % from full-scale value (with temperature compensation)
≤ 0.2 %/K (without temperature compensation)
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Connection type
Connector M12 x 1 , 5-pin
Degree of protection
IP65
Material
Housing
stainless steel (1.4305 / AISI 303)
PBT plastic parts
Transducer
epoxy resin/hollow glass sphere mixture; polyurethane foam
Mass
170 g
Factory settings
Output
evaluation limit A1: 200 mm
evaluation limit A2: 2000 mm
rising ramp
Compliance with standards and
directives
Standard conformity
Standards
EN 60947-5-2:2007+A1:2012
IEC 60947-5-2:2007 + A1:2012
EN 60947-5-7:2003
IEC 60947-5-7:2003
Approvals and certificates
EAC conformity
TR CU 020/2011
UL approval
cULus Listed, General Purpose
CSA approval
cCSAus Listed, General Purpose
CCC approval
CCC approval / marking not required for products rated ≤36 V
Model Number
UC2000-30GM-IUR2-V15
Single head system
Features
• Parameterization interface for the
application-specific adjustment of
the sensor setting via the service
program ULTRA 3000
• Analog current and voltage output
• Synchronization options
• Adjustable acoustic power and
sensitivity
• Temperature compensation
Diagrams
Characteristic response curve
Distance X [m]
Distance Y [m]
Curve 1: flat surface 100 mm x 100 mm
Curve 2: round bar, Ø 25 mm
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.6
0.4
0.2
0.0
-0.2
-0.4
-0.6
-0.8
1
2
X
Y


Similar Part No. - UC-30GM-R2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UC-30GM-R2 PF-UC-30GM-R2 Datasheet
247Kb / 2P
Interface cable
More results

Similar Description - UC-30GM-R2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UB2000-F42S-U-V15 PF-UB2000-F42S-U-V15 Datasheet
840Kb / 6P
Ultrasonic sensor
UB3000-F42-UK-V95 PF-UB3000-F42-UK-V95 Datasheet
829Kb / 6P
Ultrasonic sensor
UB4000-F42-E4-V15 PF-UB4000-F42-E4-V15 Datasheet
457Kb / 6P
Ultrasonic sensor
UB4000-F42-E6-V15 PF-UB4000-F42-E6-V15 Datasheet
448Kb / 6P
Ultrasonic sensor
UB4000-F42-U-V15 PF-UB4000-F42-U-V15 Datasheet
452Kb / 6P
Ultrasonic sensor
UB6000-30GM-H3-V1 PF-UB6000-30GM-H3-V1 Datasheet
482Kb / 4P
Ultrasonic sensor
UC3500-30GM70S-UE2R2-V15 PF-UC3500-30GM70S-UE2R2-V15 Datasheet
896Kb / 6P
Ultrasonic sensor
UC6000-30GM-2EP-IO-V15 PF-UC6000-30GM-2EP-IO-V15 Datasheet
1Mb / 8P
Ultrasonic sensor
UC6000-30GM70-IE2R2-V15 PF-UC6000-30GM70-IE2R2-V15 Datasheet
1Mb / 6P
Ultrasonic sensor
UC6000-30GM70S-IE2R2-V15 PF-UC6000-30GM70S-IE2R2-V15 Datasheet
881Kb / 6P
Ultrasonic sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com