Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K850 Datasheet(PDF) 1 Page - STMicroelectronics

Part # K850
Description  N-CHANNEL 30V - 0.0024 廓 - 30A - PolarPAK-TM STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K850 Datasheet(HTML) 1 Page - STMicroelectronics

  K850 Datasheet HTML 1Page - STMicroelectronics K850 Datasheet HTML 2Page - STMicroelectronics K850 Datasheet HTML 3Page - STMicroelectronics K850 Datasheet HTML 4Page - STMicroelectronics K850 Datasheet HTML 5Page - STMicroelectronics K850 Datasheet HTML 6Page - STMicroelectronics K850 Datasheet HTML 7Page - STMicroelectronics K850 Datasheet HTML 8Page - STMicroelectronics K850 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 3
February 2006
1/12
12
STK850
N-CHANNEL 30V - 0.0024
Ω - 30A - PolarPAK™
STripFET™ Power MOSFET
General features
ULTRA LOW TOP AND BOTTOM JUNCTION
TO CASE THERMAL RESISTANCE
VERY LOW CAPACITANCES
100% Rg TESTED
FULLY INCAPSULATED DIE
IN COMPLIANCE WITH THE 2002/95/EC
EUROPEAN DIRECTIVE
Description
This MOSFET is the latest development of
STMicroelectronics
unique
“Single
Feature
Size™”
strip-based
process.
The
resulting
transistor shows extremely high packing density
for low on-resistance, moreover the double sides
cooling package with ultra low junction to case
thermal resistance allows to handle higher levels
of current.
Applications
HIGH CURRENT VRM
SINCHRONOUS RECTIFICATION
DC-DC CONVERTERS FOR TELECOM
Order codes
Internal schematic diagram
Type
VDSS
RDS(on)
RDS(on)*Qg
PTOT
STK850
30V
<0.0029
Ω 58.8 nC*mΩ
5.2W
PolarPAK™
Bottom View
Top View
Sales Type
Marking
Package
Packaging
STK850
K850
PolarPAK™
TAPE & REEL
www.st.com


Similar Part No. - K850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
K850 STMICROELECTRONICS-K850 Datasheet
276Kb / 12P
N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
10-Oct-2006
logo
List of Unclassifed Man...
K850-0 ETC1-K850-0 Datasheet
417Kb / 7P
Single Phase Full Wave Bridge Retifiers
K850-1 ETC1-K850-1 Datasheet
417Kb / 7P
Single Phase Full Wave Bridge Retifiers
K850-2 ETC1-K850-2 Datasheet
417Kb / 7P
Single Phase Full Wave Bridge Retifiers
K850-3 ETC1-K850-3 Datasheet
417Kb / 7P
Single Phase Full Wave Bridge Retifiers
More results

Similar Description - K850

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30NF03L STMICROELECTRONICS-STD30NF03L Datasheet
85Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
Oct-1999
STK800 STMICROELECTRONICS-STK800 Datasheet
243Kb / 12P
N-channel 30V - 0.006??- 20A - PolarPAK-R STripFET-TM Power MOSFET
21-Mar-2006
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
350Kb / 13P
N-channel 30V - 0.0065Ohm - 30A - PowerFLAT TM (6x5) Ultra low gate charge STripFET??Power MOSFET
12-Apr-2006
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
25-Jul-2006
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
20-Feb-2007
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
STK800_0609 STMICROELECTRONICS-STK800_0609 Datasheet
267Kb / 12P
N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
14-Nov-2006
STK850_0610 STMICROELECTRONICS-STK850_0610 Datasheet
276Kb / 12P
N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
10-Oct-2006
STK30N2LLH5 STMICROELECTRONICS-STK30N2LLH5 Datasheet
334Kb / 13P
N-channel 25 V, 0.0024 Ω, 30 A, PolarPAK® STripFET?줧 Power MOSFET
07-Jul-2008
STK850 STMICROELECTRONICS-STK850_07 Datasheet
435Kb / 16P
N-channel 30V - 0.0024廓 - 30A - PolarPAK짰 STripFET??Power MOSFET
01-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com