Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K850 Datasheet(PDF) 3 Page - STMicroelectronics

Part # K850
Description  N-CHANNEL 30V - 0.0024 廓 - 30A - PolarPAK-TM STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K850 Datasheet(HTML) 3 Page - STMicroelectronics

  K850 Datasheet HTML 1Page - STMicroelectronics K850 Datasheet HTML 2Page - STMicroelectronics K850 Datasheet HTML 3Page - STMicroelectronics K850 Datasheet HTML 4Page - STMicroelectronics K850 Datasheet HTML 5Page - STMicroelectronics K850 Datasheet HTML 6Page - STMicroelectronics K850 Datasheet HTML 7Page - STMicroelectronics K850 Datasheet HTML 8Page - STMicroelectronics K850 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STK850
Electrical characteristics
3/12
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 3.
On/off states
Table 4.
Dynamic
Table 5.
Switching times
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown
Voltage
ID = 250µA, VGS= 0
30
V
IDSS
Zero Gate Voltage Drain
Current (VGS = 0)
VDS = Max Rating,
VDS = Max Rating,Tc=125°C
1
10
µA
µA
IGSS
Gate Body Leakage Current
(VDS = 0)
VGS = ±16V
±
100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID = 250µA
12.5
V
RDS(on)
Static Drain-Source On
Resistance
VGS= 10V, ID= 15A
VGS= 4.5V, ID= 15A
0.0024
0.0029
0.0029
0.0035
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs Note 5
Forward Transconductance
VDS =10V, ID = 15A
48
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VDS =25V, f=1 MHz, VGS=0
3150
940
90
pF
pF
pF
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD=15V, ID = 30A
VGS =4.5V
(see Figure 14)
24.5
8
8.2
32.5
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD= 15V, ID= 15A,
RG=4.7Ω, VGS=4.5V
(see Figure 15)
20
57
ns
ns
td(off)
tf
Turn-off Delay Time
Fall Time
VDD=15V, ID= 15A,
RG=4.7Ω, VGS=4.5V
(see Figure 15)
31
13
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com