Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX189 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPAX189
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX189 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPAX189 Datasheet HTML 7Page - Texas Instruments OPAX189 Datasheet HTML 8Page - Texas Instruments OPAX189 Datasheet HTML 9Page - Texas Instruments OPAX189 Datasheet HTML 10Page - Texas Instruments OPAX189 Datasheet HTML 11Page - Texas Instruments OPAX189 Datasheet HTML 12Page - Texas Instruments OPAX189 Datasheet HTML 13Page - Texas Instruments OPAX189 Datasheet HTML 14Page - Texas Instruments OPAX189 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
7.7 Electrical Characteristics (continued)
at TA = 25°C, VS = ±18V, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VO
Voltage output swing from
rail
Positive rail
No load
5
15
mV
RLOAD = 10 kΩ
20
110
RLOAD = 2 kΩ
80
500
Negative rail
No load
5
15
RLOAD = 10 kΩ
20
110
RLOAD = 2 kΩ
80
500
TA = –40°C to 125°C, both rails,
RLOAD = 10 kΩ
OPA189 & OPA2189
20
120
OPA4189
20
140
ISC
Short-circuit current
±65
mA
CLOAD
Capacitive load drive
See Small-Signal Overshoot vs Capacitive Load
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A, see Open-Loop Output Impedance vs
Frequency
380
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
VS = ±2.25 V to ±18 V (VS = 4.5 V to
36 V)
TA = 25°C
1.3
1.7
mA
TA = –40°C to 125°C
1.8
www.ti.com
OPA189, OPA2189, OPA4189
SBOS830I – SEPTEMBER 2017 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com