Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX189 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPAX189
Description  OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX189 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPAX189 Datasheet HTML 20Page - Texas Instruments OPAX189 Datasheet HTML 21Page - Texas Instruments OPAX189 Datasheet HTML 22Page - Texas Instruments OPAX189 Datasheet HTML 23Page - Texas Instruments OPAX189 Datasheet HTML 24Page - Texas Instruments OPAX189 Datasheet HTML 25Page - Texas Instruments OPAX189 Datasheet HTML 26Page - Texas Instruments OPAX189 Datasheet HTML 27Page - Texas Instruments OPAX189 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
8.3.6 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress.
These questions tend to focus on the device inputs, but may involve the supply voltage pins or even the output
pin. Each of these different pin functions have electrical stress limits determined by the voltage breakdown
characteristics of the particular semiconductor fabrication process and specific circuits connected to the pin.
Additionally, internal electrostatic discharge (ESD) protection is built into these circuits to protect from accidental
ESD events both before and during product assembly.
Having a good understanding of this basic ESD circuitry and the relevance to an electrical overstress event is
helpful. See Figure 8-4 for an illustration of the ESD circuits contained in the OPAx189 (indicated by the dashed
line area). The ESD protection circuitry involves several current-steering diodes connected from the input and
output pins and routed back to the internal power-supply lines, where the diodes meet at an absorption device
internal to the operational amplifier. This protection circuitry is intended to remain inactive during normal circuit
operation.
Op Amp
Core
R
F
R
I
R
L
V
IN
(1)
I
D
IN
OUT
+IN
ESD Current-
Steering Diodes
V+
R
S
(3)
TVS
(2)
Edge-Triggered ESD
Absorption Circuit
V±
TVS
(2)
(1) VIN = V+ + 500 mV.
(2) TVS: 40 V > VTVSBR (min) > V+ ; where VTVSBR (min) is the minimum specified value for the transient voltage suppressor breakdown
voltage.
(3) Suggested value is approximately 5 kΩ in overvoltage conditions.
Figure 8-4. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
An ESD event produces a short-duration, high-voltage pulse that is transformed into a short-duration, high-
current pulse while discharging through a semiconductor device. The ESD protection circuits are designed to
provide a current path around the operational amplifier core to prevent damage. The energy absorbed by the
protection circuitry is then dissipated as heat.
When an ESD voltage develops across two or more amplifier device pins, current flows through one or
more steering diodes. Depending on the path that the current takes, the absorption device may activate. The
absorption device has a trigger or threshold voltage that is above the normal operating voltage of the OPAx189
but below the device breakdown voltage level. When this threshold is exceeded, the absorption device quickly
activates and clamps the voltage across the supply rails to a safe level.
When the operational amplifier connects into a circuit (as shown in Figure 8-4), the ESD protection components
are intended to remain inactive and do not become involved in the application circuit operation. However,
OPA189, OPA2189, OPA4189
SBOS830I – SEPTEMBER 2017 – REVISED OCTOBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA189 OPA2189 OPA4189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com