Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT-14708 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # PRT-14708
Description  JST PH Female to JST SM Male Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-14708 Datasheet(HTML) 1 Page - SparkFun Electronics

  PRT-14708 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JST-PH Female to JST-SM Male Adapter
PRT -14708
This simple adapter wire terminates on one end with a JST-PH Female connector, and a JST-SM
Male connector on the other. It can be used as a bridge between their respective connector mates.
Each wire is 95mm long and is capable of supporting up to 300V
We actually ordered these wires to provide a handy adapter for our EL products but unfortunately we
received them with swapped connectors. We still wanted to offer these to all of you in case you
could find a use for them!
Note: Since this product belongs to our “Ding & Dent” category, once we are out of stock, we will not
carry it again. Get them while you can! We also cannot accept requests/returns/exchanges, provide
documentation or provide support on any aspect of these items.
https://www.sparkfun.com/products/14708 8-6-18


Similar Part No. - PRT-14708

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-14707 SPARKFUN-PRT-14707 Datasheet
74Kb / 1P
JST-PH Male to JST-SM Female Adapter
8????8
More results

Similar Description - PRT-14708

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
AC9725000 OPTOSUPPLY-AC9725000 Datasheet
569Kb / 1P
Length adjustable 8.5mm double tine to JST compatible male
ACC725000 OPTOSUPPLY-ACC725000 Datasheet
568Kb / 1P
BA9S to JST compatible male socket cable wire Net Weight: 2.5g
AC8521020 OPTOSUPPLY-AC8521020 Datasheet
586Kb / 1P
JST compatible female socket to DC plug cable wire.
logo
SparkFun Electronics
PRT-08671 SPARKFUN-PRT-08671 Datasheet
95Kb / 2P
Jumper Wire - JST Black Blue
9??8??7
PRT-14299 SPARKFUN-PRT-14299 Datasheet
78Kb / 1P
micro:bit Battery Holder - 2xAA (JST-PH)
6??0??7
PRT-14707 SPARKFUN-PRT-14707 Datasheet
74Kb / 1P
JST-PH Male to JST-SM Female Adapter
8????8
PRT-14998 SPARKFUN-PRT-14998 Datasheet
82Kb / 1P
JST-PH Male to JST-SM Male Adapter - 100mm
11????8
PRT-14999 SPARKFUN-PRT-14999 Datasheet
106Kb / 2P
JST-PH Female to JST-SM Female Adapter - 100mm
11????8
PRT-15101 SPARKFUN-PRT-15101 Datasheet
115Kb / 2P
micro:bit Battery Holder - 2xAAA (JST-PH)
12??8??8
TOL-08734 SPARKFUN-TOL-08734 Datasheet
91Kb / 1P
Barrel Jack to 2-pin JST
11/16/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com