Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540N3-G Datasheet(PDF) 5 Page - Microchip Technology

Part # TN2540N3-G
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TN2540N3-G Datasheet(HTML) 5 Page - Microchip Technology

  TN2540N3-G Datasheet HTML 1Page - Microchip Technology TN2540N3-G Datasheet HTML 2Page - Microchip Technology TN2540N3-G Datasheet HTML 3Page - Microchip Technology TN2540N3-G Datasheet HTML 4Page - Microchip Technology TN2540N3-G Datasheet HTML 5Page - Microchip Technology TN2540N3-G Datasheet HTML 6Page - Microchip Technology TN2540N3-G Datasheet HTML 7Page - Microchip Technology TN2540N3-G Datasheet HTML 8Page - Microchip Technology TN2540N3-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2020 Microchip Technology Inc.
DS20005954A-page 5
TN2540
FIGURE 2-7:
BVDSS Variation with
Temperature.
FIGURE 2-8:
Transfer Characteristics.
FIGURE 2-9:
Capacitance vs.
Drain-to-Source Voltage.
FIGURE 2-10:
On-Resistance vs. Drain
Current.
FIGURE 2-11:
VGS(th) and RDS(ON) with
Temperature.
FIGURE 2-12:
Gate Drive Dynamic
Characteristics.
T
j (
OC)
-50
0
50
100
150
1.1
1.0
0.9
V
GS (volts)
0
2
4
6
8
10
1.5
1.2
0.9
0.6
0.3
0
T
A = -55
OC
V
DS = 25
OC
25OC
125OC
200
150
100
50
0
V
DS (volts)
0
10
20
30
40
f = 1MHz
C
ISS
C
OSS
C
RSS
I
D (amperes)
50
40
30
20
10
0
V
GS = 4.5V
V
GS = 10V
0
0.4
0.8
1.2
1.6
2.0
T
j (
OC)
1.4
1.2
1.0
0.8
0.6
2.5
2.0
1.5
1.0
0.5
0
V
(th) @ 1mA
R
DS(ON) @ 10V, 0.5A
-50
0
50
100
150
Q
G (nanocoulombs)
10
8
6
4
2
0
0
0.4
0.8
1.2
1.6
2.0
V
DS = 40V
V
DS = 10V
95pF
260pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com