Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540N3-G Datasheet(PDF) 1 Page - Microchip Technology

Part # TN2540N3-G
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TN2540N3-G Datasheet(HTML) 1 Page - Microchip Technology

  TN2540N3-G Datasheet HTML 1Page - Microchip Technology TN2540N3-G Datasheet HTML 2Page - Microchip Technology TN2540N3-G Datasheet HTML 3Page - Microchip Technology TN2540N3-G Datasheet HTML 4Page - Microchip Technology TN2540N3-G Datasheet HTML 5Page - Microchip Technology TN2540N3-G Datasheet HTML 6Page - Microchip Technology TN2540N3-G Datasheet HTML 7Page - Microchip Technology TN2540N3-G Datasheet HTML 8Page - Microchip Technology TN2540N3-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2020 Microchip Technology Inc.
DS20005954A-page 1
TN2540
Features
• 2V Maximum Low Threshold
• High Input Impedance
• 125 pF Maximum Low Input Capacitance
• Fast Switching Speeds
• Low On-Resistance
• Free from Secondary Breakdown
• Low Input and Output Leakage
Applications
• Logic-Level Interfaces (Ideal for TTL and CMOS)
• Solid-State Relays
• Battery-Operated Systems
• Photovoltaic Drives
• Analog Switches
• General Purpose Line Drivers
• Telecommunication Switches
General Description
The TN2540 low-threshold Enhancement-mode
(normally-off) transistor uses a vertical DMOS structure
and a well-proven silicon-gate manufacturing process.
This combination produces a device with the power
handling capabilities of bipolar transistors and the high
input impedance and positive temperature coefficient
inherent in MOS devices. Characteristic of all MOS
structures, this device is free from thermal runaway and
thermally induced secondary breakdown.
Microchip’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications
where very low threshold voltage, high breakdown
voltage, high input impedance, low input capacitance,
and fast switching speeds are desired.
Package Types
See Table 3-1 and Table 3-2 for pin information.
3-lead SOT-89
(Top view)
GATE
SOURCE
DRAIN
DRAIN
3-lead TO-92
(Top view)
GATE
SOURCE
DRAIN
N-Channel Enhancement-Mode Vertical DMOS FET


Similar Part No. - TN2540N3-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2540N3-G SUTEX-TN2540N3-G Datasheet
812Kb / 7P
Low Threshold N-Channel Enhancement-Mode Vertical DMOS FET
TN2540N3-G SUTEX-TN2540N3-G Datasheet
741Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FET
TN2540N3-GP002 SUTEX-TN2540N3-GP002 Datasheet
741Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FET
TN2540N3-GP003 SUTEX-TN2540N3-GP003 Datasheet
741Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FET
TN2540N3-GP005 SUTEX-TN2540N3-GP005 Datasheet
741Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TN2540N3-G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com