Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113T-2-V/G4 Datasheet(PDF) 4 Page - Microchip Technology

Part # UCS2113T-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113T-2-V/G4 Datasheet(HTML) 4 Page - Microchip Technology

  UCS2113T-2-V/G4 Datasheet HTML 1Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 2Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 3Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 4Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 5Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 6Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 7Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 8Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
UCS2113
DS20005680B-page 4
 2016-2021 Microchip Technology Inc. and its subsidiaries
I/O Pins - SMCLK, SMDATA, PWR_EN, ALERT#, BOOST# - DC Parameters
Output Low Voltage
VOL
——
0.4
V
ISINK_IO = 8 mA
SMDATA, ALERT#, BOOST#
Input High Voltage
VIH
2.0
—
—
V
PWR_EN, SMDATA, SMCLK
Input Low Voltage
VIL
—
—
0.8
V
PWR_EN, SMDATA, SMCLK
Leakage Current
ILEAK
—
—
±5
µA
Powered or unpowered
VPULLUP  VDD
TA < 85°C (Note 1)
Interrupt Pins - AC Parameters
ALERT# Pin Blanking Time
tBLANK
—
25
—
ms
Blanking time, coming out of
reset
ALERT# Pin Interrupt
Masking Time
tMASK
—5
—
ms
BOOST# Pin Minimum
Assertion Time
tBOOST_MAT
—1
—
s
BOOST# Pin Assertion
Current
IBOOST
—1.9
—
A
SMBus/I2C Timing
Input Capacitance
CIN
—5
—
pF
Clock Frequency
fSMB
10
—
400
kHz
Spike Suppression
tSP
——
50
ns
Bus Free Time Stop to Start
tBUF
1.3
—
—
µs
Start Setup Time
tSU:STA
0.6
—
—
µs
Start Hold Time
tHD:STA
0.6
—
—
µs
Stop Setup Time
tSU:STO
0.6
—
—
µs
Data Hold Time
tHD:DAT
0
—
—
µs
When transmitting to the host
Data Hold Time
tHD:DAT
0.3
—
—
µs
When receiving from the host
Data Setup Time
tSU:DAT
0.6
—
—
µs
Clock Low Period
tLOW
1.3
—
—
µs
Clock High Period
tHIGH
0.6
—
—
µs
Clock/Data Fall Time
tFALL
—
—
300
ns
Min. = 20+0.1CLOAD ns
(Note 1)
Clock/Data Rise Time
tRISE
—
—
300
ns
Min. = 20+0.1CLOAD ns
(Note 1)
Capacitive Load
CLOAD
—
—
400
pF
Per bus line (Note 1)
Timeout
tTIMEOUT
25
—
35
ms
Disabled by default (Note 1)
Idle Reset
tIDLE_RESET
350
—
—
µs
Disabled by default (Note 1)
TABLE 1-2:
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V,
VPULLUP = 3V to 5.5V, TA = -40°C to 105°C. All typical values at VDD = VS = 5V, TA = 27°C.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Note 1:
This parameter is characterized, not 100% tested.
2:
This parameter is ensured by design and not 100% tested.
3:
The current measurement full scale range maximum value is 3.4A. However, the UCS2113 cannot report values above
ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM  1.6A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com