Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113T-2-V/G4 Datasheet(PDF) 14 Page - Microchip Technology

Part # UCS2113T-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113T-2-V/G4 Datasheet(HTML) 14 Page - Microchip Technology

Back Button UCS2113T-2-V/G4 Datasheet HTML 10Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 11Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 12Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 13Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 14Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 15Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 16Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 17Page - Microchip Technology UCS2113T-2-V/G4 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
UCS2113
DS20005680B-page 14
 2016-2021 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTION
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
UCS2113
4x4 QFN
Symbol
Function
Pin Type
Connection Type if Pin
Not Used
1
PWR_EN1
Port power switch enable #1
DI
Connect to ground or VDD
(depending on the polarity
decoded via COMM_ILIM
pin)
2
GND
Ground
Power
N/A
3
BOOST#
Logic output for DC-DC converter voltage
increase (requires pull-up resistor)
OD
Connect to ground
4, 5
VBUS1
Port power switch #1 output (requires both
pins tied together)
High Power,
AIO
Leave open
6, 7
VS
Voltage input to port power switch VBUS1
(requires both pins
tied together)
High Power,
AIO
Connect to ground
8VDD
Common supply voltage
Power
N/A
9, 10
VS
Voltage input to port power switch VBUS2
(requires both pins
tied together)
High Power,
AIO
Connect to ground
11, 12
VBUS2
Port power switch #2 output (requires both
pins tied together)
High Power,
AIO
Leave open
13
COMM_ILIM Enables SMBus or Stand-Alone mode at
power-up. Hardware strap for maximum cur-
rent limit.
AIO
N/A
14
GND
Ground
Power
N/A
15
PWR_EN2
Port power switch enable #2
DI
Connect to ground or VDD
(depending on the polarity
decoded via COMM_ILIM
pin)
16
ALERT#2
Output fault ALERT for VBUS2 (requires
pull-up resistor)
OD
Connect to ground
17
SMCLK
SMCLK - SMBus clock input (requires pull-up
resistor)
DI
Connect to VPULLUP(or to
ground in Stand-Alone
mode)
18
SMDATA
SMDATA - SMBus data input/output (requires
pull-up resistor)
DIOD
Connect to VPULLUP (or to
ground in Stand-Alone
mode)
19
GND
Ground
Power
N/A
20
ALERT#1
Output fault ALERT for VBUS1 (requires
pull-up resistor)
OD
Connect to ground
21
EP
Exposed thermal pad. Must be connected to
electrical ground.
EP
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com