Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACS164245SWC Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # UT54ACS164245SWC
Description  RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS164245SWC Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT54ACS164245SWC Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 12Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 13Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
AC ELECTRICAL CHARACTERISTICS 1 (Port A = Port B, 3.3 Volt Operation)
(VDD1 = 3.00V to 3.6V; VDD2 = 3.00V to 3.6V, -55°C < TC < +125°C)
Notes:
1. All specifications valid for radiation dose
≤ 1E5 rad(Si) per MIL-STD-883, Method 1019.
2. DIRx to bus times are guaranteed by design, but not tested. OEx to bus times are tested.
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
tPLH
Propagation delay Data to Bus
1
20
ns
t
PHL
Propagation delay Data to Bus
1
20
ns
tPZL
Output enable time OEx to Bus
1
18
ns
tPZH
Output enable time OEx to Bus
1
18
ns
t
PLZ
Output disable time OEx to Bus high impedance
1
20
ns
tPHZ
Output disable time OEx to Bus high impedance
1
20
ns
tPZL
2
Output enable time DIRx to Bus
1
18
ns
t
PZH
2
Output enable time DIRx to Bus
1
18
ns
t
PLZ
2
Output disable time DIRx to Bus high impedance
1
20
ns
tPHZ
2
Output disable time DIRx to Bus high impedance
1
20
ns
tPLZ
tPZH
tPZL
tPHL
tPHZ
Propagation Delay
Input
Output
VDD
VDD/2
0V
tPLH
VOH
VOL
VDD/2
Control Input
3.3V Output
Normally Low
Enable Disable Times
3.3V Output
Normally High
VDD
VDD/2
0V
VDD/2
VDD/2
.7VDD
.2VDD
V
DD/2+0.2
V
DD/2-0.2
.2VDD + .2V
.7VDD - .2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com