Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACS164245SWC Datasheet (PDF) - Aeroflex Circuit Technology

UT54ACS164245SWC Datasheet PDF - Aeroflex Circuit Technology
Part # UT54ACS164245SWC
Download  UT54ACS164245SWC Download
File Size   106.43 Kbytes
Page   14 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver

UT54ACS164245SWC Datasheet (PDF)

Go To PDF Page Download Datasheet
UT54ACS164245SWC Datasheet PDF - Aeroflex Circuit Technology

Part # UT54ACS164245SWC
Download  UT54ACS164245SWC Click to download

File Size   106.43 Kbytes
Page   14 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver

UT54ACS164245SWC Datasheet (HTML) - Aeroflex Circuit Technology


UT54ACS164245SWC Product details

DESCRIPTION
The 16-bit wide UT54ACS164245S MultiPurpose transceiver is built using UTMC’s Commercial RadHardTM epitaxial CMOS technology and is ideal for space applications. This high speed, low power UT54ACS164245S transceiver is designed to perform multiple functions including: asynchronous two-way communication, signal buffering, voltage translation, and cold sparing.

FEATURES
 • Voltage translation
    - 5V bus to 3.3V bus
    - 3.3V bus to 5V bus
 • Cold sparing
    - 1M Wminimum input impedance power-off
 •   0.6mm Commercial RadHardTM CMOS
   - Total dose: 100K rad(Si)
   - Single Event Latchup immune
 • High speed, low power consumption
 • Schmitt trigger inputs to filter noisy signals
 • Available QML Q or V processes
 •  Standard Microcircuit Drawing 5962-98580
 • Package:
   -48-lead flatpack, 25 mil pitch (.390 x .640)




Similar Part No. - UT54ACS164245SWC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS164245SEI AEROFLEX-UT54ACS164245SEI Datasheet
153Kb / 16P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164245SEIUCC AEROFLEX-UT54ACS164245SEIUCC Datasheet
153Kb / 16P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164245SEIUPC AEROFLEX-UT54ACS164245SEIUPC Datasheet
153Kb / 16P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164245SEIUWC AEROFLEX-UT54ACS164245SEIUWC Datasheet
153Kb / 16P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
More results


Similar Description - UT54ACS164245SWC

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
logo
Aeroflex Circuit Techno...
UT54ACS162245SLV AEROFLEX-UT54ACS162245SLV Datasheet
215Kb / 13P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Low Voltage Transceiver
UT54ACS164245SEI AEROFLEX-UT54ACS164245SEI Datasheet
153Kb / 16P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164646S AEROFLEX-UT54ACS164646S Datasheet
170Kb / 19P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Registered Transceiver
UT54ACTQ16245 AEROFLEX-UT54ACTQ16245 Datasheet
150Kb / 12P
RadHard CMOS 16-bit Bidirectional Transceiver, TTL Inputs, and Three-State Outputs
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com