Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8131 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8131
Description  2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8131 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8131 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
11/9/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8131
2.488 Gbit/sec
32:1 SONET/SDH Mux with Clock Generator
G52249-0, Rev. 3.0
NC = No Connection. These pins must be left floating - do not connect to a supply potential. Connecting any of these pins to a
power supply rail may cause improper operation or failure of the device; or in extreme cases, may cause permanent dam-
age to the device.
PARBIT
111
I
TTL
parity bit
PARMODE
112
I
TTL
parity mode select (even vs. odd)
VCC
113
PWR
+3.3V
TEST
114
I
GND
NC
115
-
-
Leave Unconnected
REFCLK+
116
I
LVPECL
CMU reference clock, true
REFCLK-
117
I
LVPECL
CMU reference clock, compliment
VCC
118
PWR
+3.3V
VEE
119
PWR
GND
TEST
120
O
-
Leave Unconnected
TEST
121
O
-
Leave Unconnected
VEE_ANA
122
PWR
GND
Analog Power for CMU
VCC_ANA
123
PWR
+3.3V
Analog Power for CMU
NC
124
-
-
Leave Unconnected
NC
125
-
-
Leave Unconnected
VEE
126
PWR
GND
VEE
127
PWR
GND
VCC
128
PWR
+3.3V
Table 4: Package Pin Identification
Signal
Pin
I/O
Level
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com