Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN6852 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DN6852
Description  Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN6852 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DN6852 Datasheet HTML 1Page - Panasonic Semiconductor DN6852 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Symbol
Condition
min
typ
max
s Electrical Characteristics (Ta=25˚C)
Operating flux density
B1 (L to H)
mT
VCC=12V
B2 (H to L)
mT
VCC=12V
Low output voltage
VOL
0.4
V
VCC=16V, IO=12mA,
B=60mT
V
VCC=3.6V, IO=12mA,
B=60mT
Note1) Operating supply voltage range VCC (opr)=3.6 to 16V
Note2) For the operating flux density, B2 (H to L) max 450 mT is also available as Rank A.
mA
VCC=16V
ICC
mA
Supply current
VCC=3.6V
6
5.5
0.4
60
10
µA
VCC=16V, VO=18V,
B=10mT
10
µA
VCC=3.6V, VO=18V,
B=10mT
10
IOH
High output current
Unit
1.75
1.0
Unit : mm
The center of the Hall element is in the hatched area in the left figure.
s Hall Element Position
Marking surface
1 : VCC
2 : GND
3 : Output
Applied flux direction
N
S
1
2
3
Flux density (B)
B1
B2
s Flux-Voltage Conversion Characteristics
s Precaution on Use
1. Change of the operation magnetic flux density dose not depend on the supply voltage,
because the stabilization power supply is built-in.
(only for the range ; VCC=4.5 to 16V)
2. Change from “H” to “L” level increases the supply current by approx. 1mA.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com