Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN6852 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DN6852
Description  Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN6852 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DN6852 Datasheet HTML 1Page - Panasonic Semiconductor DN6852 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
s Overview
The DN6852 is an integrated circuit making use of Hall
effects. It is designed particularly for operating at a low supply
voltage in one way magnetic field. It is suitable for various sen-
sors and contactless switches.
s Features
• Wide range of supply voltage : 3.6 to 16V
• Operating in one way magnetic field.
• TTL and MOS ICs directly drivable by output
• Semipermanent service life because of no contact parts
• Drivable with a small magnet
• 3-pin SIL plastic package (3-SIP)
• Open colector
s Applications
• Speed sensors
• Position sensors
• Rotation sensors
• Keyboard switches
• Microswitches
Note) This IC is not suitable for car electrical equipments.
DN6852
Hall IC (Operating Supply Voltage Range VCC=3.6 to 16V, Operating in One Way
Magnetic Field)
Unit : mm
SSIP003-P-0000A (E-3S)
1 : VCC
2 : GND
3 : Output
0.5
±0.1
5˚
12 3
2˚
5˚
5˚
2˚
1.27
4.5
±0.3
0.43
+ 0.1
– 0.05
2.0
±0.3
0.8
±0.1
1.0
1
VCC
Hall element
Amp.
Schmitt trigger
Output stage
3
Output
2
GND
Stabilized power supply
s Block Diagram
VCC
ICC
IO
PD
Topr
Tstg
Supply voltage
Supply current
Circuit current
Power dissipation
Operating ambient temperature
Storage temperature
V
mA
mA
mW
˚C
˚C
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta=25˚C)
18
8
20
100
–40 to + 85
–55 to + 125


Similar Part No. - DN6852

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN6851 PANASONIC-DN6851 Datasheet
25Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6853 PANASONIC-DN6853 Datasheet
24Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
More results

Similar Description - DN6852

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN6847 PANASONIC-DN6847 Datasheet
41Kb / 3P
Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6848 PANASONIC-DN6848 Datasheet
39Kb / 3P
Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6849 PANASONIC-DN6849 Datasheet
39Kb / 3P
Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
Hall IC for alternative magnetic field
DN6851 PANASONIC-DN6851 Datasheet
25Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6853 PANASONIC-DN6853 Datasheet
24Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN8897 PANASONIC-DN8897 Datasheet
42Kb / 3P
Hall IC(Operating Temperature Range Topr=-40 to -100째C, Operating in Alternative Magnetic Field)
DN8899 PANASONIC-DN8899 Datasheet
39Kb / 3P
Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
logo
Maxim Integrated Produc...
MAX20020EVKIT MAXIM-MAX20020EVKIT Datasheet
107Kb / 1P
3.5V to 16V Operating Supply Voltage
MAX20092EVSYS MAXIM-MAX20092EVSYS Datasheet
70Kb / 2P
Operating Input Supply Range: 9V to 16V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com