Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2153Z Datasheet(PDF) 2 Page - International Rectifier

Part # IR2153Z
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2153Z Datasheet(HTML) 2 Page - International Rectifier

  IR2153Z Datasheet HTML 1Page - International Rectifier IR2153Z Datasheet HTML 2Page - International Rectifier IR2153Z Datasheet HTML 3Page - International Rectifier IR2153Z Datasheet HTML 4Page - International Rectifier IR2153Z Datasheet HTML 5Page - International Rectifier IR2153Z Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IR2153Z
2
www.irf.com
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 12V, CL = 1000 pF and TA = 25°C unless otherwise specified.
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
structure between the chip VCC and COM which has a nominal breakdown voltage of 15.6V. Therefore, the IC
supply voltage is normally derived by forcing current into the supply lead (typically by means of a high value
resistor connected between the chip VCC and the rectified line voltage and a local decoupling capacitor from
VCC to COM) and allowing the internal zener clamp circuit to determine the nominal supply voltage. There-
fore, this circuit should not be driven by a DC, low impedance power source of greater than VCLAMP.
Note 1:
Because of the IR2153’s application specificity toward off-line supply systems, this IC contains a zener clamp
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
tr
Turn-On Rise Time
—
80
165
tf
Turn-Off Fall Time
—
35
100
ns
tsd
Shutdown Propagation Delay
—
660
—
DT
Deadtime
—
1.2
—
µs
DRT Duty Cycle
—
50
—
%
Symbol
Definition
Min.
Max.
Units
VB
High Side Floating Supply Absolute Voltage
VS + 10
VS + 20
VS
High Side Floating Supply Offset Voltage
—
600
VHO
High Side Floating Output Voltage
VS
VB
VLO
Low Side Output Voltage
0
VCC
ICC
Supply Current (Note 1)
—
5
mA
V
Typical Connections
VB
HO
VS
LO
VCC
RT
CT
COM
600V
MAX
Shutdown
IR2153Z



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com