Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2153Z Datasheet(PDF) 1 Page - International Rectifier

Part # IR2153Z
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2153Z Datasheet(HTML) 1 Page - International Rectifier

  IR2153Z Datasheet HTML 1Page - International Rectifier IR2153Z Datasheet HTML 2Page - International Rectifier IR2153Z Datasheet HTML 3Page - International Rectifier IR2153Z Datasheet HTML 4Page - International Rectifier IR2153Z Datasheet HTML 5Page - International Rectifier IR2153Z Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
·
Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
·
Undervoltage lockout
·
Programmable oscillator frequency
f
=
×+
×
1
1.4 (R
75 ) C
TT
Ω
·
Matched propagation delay for both channels
·
Micropower supply startup current of 90 µA.
·
Shutdown function turns off both channels
·
Low side output in phase with RT
Description
The IR2153Z is a high voltage, high speed, self-oscillating
power MOSFET and IGBT driver with both high and low
side referenced output channels. Proprietary HVIC and
latch immune CMOS technologies enable ruggedized
monolithic construction. The front end features a program-
mable oscillator which is similar to the 555 timer.The
output drivers feature a high pulse current buffer stage and
PD-91800
IR2153Z
SELF-OSCILLATING HALF-BRIDGE DRIVER
Product Summary
VOFFSET
600V max.
Duty Cycle
50%
IO+/-
200 mA / 400 mA
Vclamp
15.6V
Deadtime (typ.)
1.2 µs
an internal deadtime designed for minimum driver cross-
conduction. Propagation delays for the two channels are
matched to simplify use in 50% duty cycle applications.
The floating channel can be used to drive an N-channel
power MOSFET or IGBT in the high side configuration
that operates off a high voltage rail up to 600 volts.
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissi-
pation ratings are measured under board mounted and still air conditions.
Symbol
Parameter
Min.
Max.
Units
VB
High Side Floating Supply Voltage
-0.3
625
VS
High Side Floating Supply Offset Voltage
VB - 25
VB + 0.3
VHO
High Side Floating Output Voltage
VS - 0.3
VB + 0.3
VLO
Low Side Output Voltage
-0.3
VCC + 0.3
VRT
RT Voltage
-0.3
VCC + 0.3
VCT
CT Voltage
-0.3
VCC + 0.3
ICC
Supply Current (Note 1)
—
25
IRT
RT Output Current
-5
5
dVs/dt
Allowable Offset Supply Voltage Transient
—
50
V/ns
PD
Package Power Dissipation @ TA £ +25°C
—
1.0
RthJA
Thermal Resistance, Junction to Ambient
—
100
TJ
Junction Temperature
-55
125
TS
Storage Temperature
-55
150
°C
TL
Lead Temperature (Soldering, 10 seconds)
—
300
www.irf.com
1
mA
W
°C/W
V


Similar Part No. - IR2153Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153Z IRF-IR2153Z Datasheet
94Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153Z IRF-IR2153Z_15 Datasheet
94Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
More results

Similar Description - IR2153Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2154 IRF-IR2154 Datasheet
124Kb / 7P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153Z IRF-IR2153Z_15 Datasheet
94Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531 IRF-IR21531_15 Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603PBF IRF-IR25603PBF_15 Datasheet
693Kb / 12P
Self-Oscillating Half-Bridge Driver
logo
Infineon Technologies A...
IR21531 INFINEON-IR21531 Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
Data Sheet No. PD60131 revM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com