Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HICTB08-FBM-RAC-SC-IO08 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # HICTB08-FBM-RAC-SC-IO08
Description  Termination Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HICTB08-FBM-RAC-SC-IO08 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  HICTB08-FBM-RAC-SC-IO08 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HICTB08-FBM-RAC-SC-IO08 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HICTB08-FBM-RAC-SC-IO08 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HICTB08-FBM-RAC-SC-IO08 Datasheet HTML 4Page - Pepperl+Fuchs Inc. HICTB08-FBM-RAC-SC-IO08 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HiCTB08-FBM-RAC-SC-IO08
4
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Termination Board
For detailed listing of connectable cards and recommended modules see application section.
Typical loop
Possible card/module combinations
Application
Application
For exact pin assignment for connection to field side and control side, see the documentation of the isolated barrier.
The pin-out configuration has to be observed. For information see corresponding pin-out table on
www.pepperl-fuchs.com.
Card
Signal
Recommended modules
FBM201, FBM214, FBM214b, FBM216, FBM216b
8AI
HiC2025, HiC2081
FBM215, FBM218, FBM237
8AO
HiC2031
FBM204, FBM205
4AO/4AI
HiC2031 (module 1 to module 4) and HiC2025 (module 5 to module 8)
FBM244
4AI/4AO
HiC2025 (module 1 to module 4) and HiC2031 (module 5 to module 8)
FBM247, FBM248
8UIO
HiC2441, HiC2081, HiC2883
1a, 1b
2a, 2b
6b
24 V DC
Fault
1a, 1b
2a, 2b
6b
24 V DC
Fault
Termination Board
Field side
Control side
Module 1
5b
1b
5a
SL1
SL2
1a
7a
8a
Fault
1
4
2
5
M1
1
4
2
5
M8
Module 8
5b
1b
5a
SL1
SL2
1a
7a
8a
+-
X20
+
-
12
35
46
F1
F2
24 VDC
24 VDC
Fault
&
X1
13
12
1,2,
5,8,
11,16,
19,22,
25
15
14
13
12
15
14
37
36
23
22
n. c.
io01-
io01+
io08-
io08+
Foxboro
FBM2XX
8AI
8AO
4AO/4AI
4AI/4AO
8UIO
Foxboro system
cable type 1
GND
VCC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com